Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51220ARTVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220ARTVR
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220ARTVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS51220ARTVR Datasheet HTML 1Page - Texas Instruments TPS51220ARTVR Datasheet HTML 2Page - Texas Instruments TPS51220ARTVR Datasheet HTML 3Page - Texas Instruments TPS51220ARTVR Datasheet HTML 4Page - Texas Instruments TPS51220ARTVR Datasheet HTML 5Page - Texas Instruments TPS51220ARTVR Datasheet HTML 6Page - Texas Instruments TPS51220ARTVR Datasheet HTML 7Page - Texas Instruments TPS51220ARTVR Datasheet HTML 8Page - Texas Instruments TPS51220ARTVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TPS51220A
www.ti.com
SLUS897E – DECEMBER 2008 – REVISED JANUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VEN = 3.3 V, VVIN = 12 V, VV5SW = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE TRANSCONDUCTANCE AMPLIFIER
gMv
Gain
TA = 25°C
500
μS
VID
Differential Input Voltage Range
–30
30
mV
TA = 0 to 85°C
27
33
μA
ICOMPSINK
COMP Maximum Sink Current
COMPx = 1.8 V
TA = –40 to 85°C
22
33
μA
ICOMPSRC
COMP Maximum Source Current
COMPx = 1.8 V
–33
–43
μA
VCOMP
COMP Clamp Voltage
2.18
2.22
2.26
V
VCOMPN
COMP Negative Clamp Voltage
1.73
1.77
1.81
V
CURRENT AMPLIFIER
TRIP = 0V/2V, CSNx = 5V, TA = 25°C
(2)
3.333
GC
Gain
TRIP = 3.3V/5V, CSNx = 5V, TA = 25°C
(2)
1.667
VIC
Common mode Input Voltage Range
0
13
V
VID
Differential Input Voltage Range
TA = 25°C
–75
75
mV
POWERGOOD
PG in from lower
92.5%
95%
97.5%
VTHPG
PG threshold
PG in from higher
102.5%
105% 107.5%
PG hysteresis
5%
IPG
PG sink current
PGOOD = 0.5 V
5
mA
IPG(LK)
PG leak current
PGOOD = 5 V
0
1
µA
tPGDLY
PGOOD delay
Delay for PG in
0.8
1.0
1.2
ms
SOFTSTART
tSSDYL
Soft Start Delay
Delay for Soft Start, ENx = Hi to SS-ramp starts
200
μs
tSS
Soft Start Time
Internal Soft Start
960
μs
FREQUENCY AND DUTY CONTROL
fSW
Switching Frequency
RF = 330 kΩ
273
303
333
kHz
Lo to Hi
0.7
1.3
2
V
VTHRF
RF Threshold
Hysteresis
0.2
V
fSYNC
Sync Input Frequency Range(2)
200
1000
kHz
V(DRVH) = 90% to 10%, No Load, CCM/ OOA
(2)
120
ns
tON(min)
Minimum On Time
V(DRVH) = 90% to 10%, No Load, Auto-skip
160
250
ns
tOFF(min)
Minimum Off Time
V(DRVH) = 10% to 90%, No Load
290
400
ns
DRVH-off to DRVL-on
10
30
50
ns
tD
Dead time
DRVL-off to DRVH-on
30
40
70
ns
VDTH
DRVH-off threshold
DRVH to GND (2)
1
V
VDTL
DRVL-off threshold
DRVL to GND(2)
1
V
(2)
Specified by design. Not production tested.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS51220A


Similar Part No. - TPS51220ARTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220ARTVR TI-TPS51220ARTVR Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220ARTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com