Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51285BRUKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51285BRUKR
Description  Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51285BRUKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51285BRUKR Datasheet HTML 6Page - Texas Instruments TPS51285BRUKR Datasheet HTML 7Page - Texas Instruments TPS51285BRUKR Datasheet HTML 8Page - Texas Instruments TPS51285BRUKR Datasheet HTML 9Page - Texas Instruments TPS51285BRUKR Datasheet HTML 10Page - Texas Instruments TPS51285BRUKR Datasheet HTML 11Page - Texas Instruments TPS51285BRUKR Datasheet HTML 12Page - Texas Instruments TPS51285BRUKR Datasheet HTML 13Page - Texas Instruments TPS51285BRUKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DCHG
SW
TPS51285A
TPS51285B
NOC
ZC
XCON
VO_OK
DRVL
PWM
Control Logic
UDG-12093
+
+
VREF +15%
+
+
UV
OV
VREF ±10%
+
VIN
GND
REF
One-Shot
Discharge
50 µA
VBST
DRVH
FAULT
PGOOD
CS
+
VFB
OC
+
+
SS Ramp Comp
EN
VDD
HS
LS
VDRV
PGND
PGOOD
VREF ±40%
TPS51285A
TPS51285B
SLVSBX0 – APRIL 2013
www.ti.com
SWITCHER CONTROLLER BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51285A TPS51285B


Similar Part No. - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285BRUKR TI-TPS51285BRUKR Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
More results

Similar Description - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com