Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF805 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SF805
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF805 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SF805 Datasheet HTML 1Page - Diode Semiconductor Korea SF805 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S F805 -SF 830
S F830-S F840
S F850-S F860
2.2
2.0
100
10
1.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
8.0
0
2
4
6
8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
10
200
175
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2--TYPICALREVERSE CHARACTERISTICS
SF805 ---SF860
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATEDPEAKREVERSEVOLTAGE,
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- FORWARD DERATING CURVE
CASE TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
,
0
50
125
1
10
100
25
100
75
TJ=25 C
8.3ms Single Half
sine-wave
0
TJ=75
TJ=25
TJ=125
1000
1
0.1
0.01
10
100
80
0
20
40
60
100
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SF805

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF805 PACELEADER-SF805 Datasheet
587Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF805 YEASHIN-SF805 Datasheet
41Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
HY ELECTRONIC CORP.
SF805 HY-SF805 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SF805B DSK-SF805B Datasheet
261Kb / 2P
   SUPER FAST RECTIFIERS
logo
Guangdong Juxing Electr...
SF805DS JUXING-SF805DS Datasheet
2Mb / 3P
   Superfast Recovery Rectitiers
More results

Similar Description - SF805

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com