Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51513RHBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513RHBT
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51513RHBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51513RHBT Datasheet HTML 7Page - Texas Instruments TPS51513RHBT Datasheet HTML 8Page - Texas Instruments TPS51513RHBT Datasheet HTML 9Page - Texas Instruments TPS51513RHBT Datasheet HTML 10Page - Texas Instruments TPS51513RHBT Datasheet HTML 11Page - Texas Instruments TPS51513RHBT Datasheet HTML 12Page - Texas Instruments TPS51513RHBT Datasheet HTML 13Page - Texas Instruments TPS51513RHBT Datasheet HTML 14Page - Texas Instruments TPS51513RHBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TPS51513
www.ti.com
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
DETAILED DESCRIPTION
Application Circuit List of Materials
Recommended parts for key external components for the circuits in Figure 2 and Figure 3 are in Table 2. These
parts have passed applications tests.
Table 2. Key External Component Recommendations
COMPONENT
MANUFACTURER
PART NUMBER
TI
CSD16409Q3
High-side FET(s)
Infineon
BSC080N03MSG
TI
CSD16401Q5
Low-side FET(s)
Infineon
BSC030N03MSG
Panasonic
ETQP4L series
Tokin
MPCG1040L series
Inductors
Toko
FDUE10140D series
Vishay
IHLP5050 series
Panasonic
EEFSX0D331XE
Bulk output capacitors
Kemet
T528Z series
NEC Proadlizer
PFAF250E127MNS
Panasonic
ECJ2FB0J106K
Ceramic output capacitors
Murata
GRM21BR60J106KE19L
Sense resistor (resistor sensing only)
Panasonic
ERJM1WTJ1M0U
Panasonic
ERTJ1VG103JA
NTC thermistors
TDK
NTCG163JF103HT
Functional Overview
The TPS51513 is a DCAP+™ mode adaptive on-time converter. The output voltage is set using a DAC that
outputs a reference in accordance with either the 3-bit VID code defined in Table 3. VID-on-the-fly transitions are
supported with the slew rate controlled by a single resistor on the ISLEW pin. Powerful integrated FET drivers
support output currents in excess of 25 A. The converter automatically runs in discontinuous mode to optimize
light-load efficiency and battery life. The four switching frequency selections (given in Table 3) enable
optimization of the power chain for the cost, size and efficiency requirements of the design.
Table 3. Frequency Selection Table
TONSEL
FREQUENCY (fSEL) (kHz)
GND
250
VREF
300
3.3 V
350
5 V
500
In adaptive on-time converters, the controller changes the on-time as a function of input and output voltage to
maintain a nearly constant frequency during steady-state conditions. In conventional voltage-mode constant
on-time converters, each cycle begins when the output voltage crosses to a fixed reference level. However, in
the TPS51513, the cycle begins when the current feedback reaches an error voltage level which is the amplified
difference between the DAC voltage and the feedback voltage.
This approach has two advantages:
1. The amplifier DC gain sets an accurate linear load-line; this is required for CPU core applications.
2. The error voltage input to the PWM comparator is filtered to improve the noise performance.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51513


Similar Part No. - TPS51513RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51513RHB TI-TPS51513RHB Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
More results

Similar Description - TPS51513RHBT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Texas Instruments
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com