Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY57 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BDY57
Description  NPN SILICON TRANSISTORS DIFFUSED MESA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDY57 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BDY57 Datasheet HTML 1Page - List of Unclassifed Manufacturers BDY57 Datasheet HTML 2Page - List of Unclassifed Manufacturers BDY57 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
BDY57 – BDY58
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BDY57
80
VCEO
Collector-Emitter Voltage
BDY58
125
V
BDY57
120
VCBO
Collector-Base Voltage
BDY58
160
V
VEBO
Emitter-Base Voltage
BDY57
BDY58
10
V
IC
Collector Current
BDY57
BDY58
25
A
IB
Base Current
BDY57
BDY58
6
A
PTOT
Power Dissipation
@ TC = 25°
BDY57
BDY58
175
Watts
TJ
Junction Temperature
TS
Storage Temperature
BDY57
BDY58
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDY57
BDY58
1°C/W
LF Large Signal Power Amplification
High Current Fast Switching
N
NP
PN
N S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S,, D
DIIF
FF
FU
US
SE
ED
D M
ME
ES
SA
A


Similar Part No. - BDY57

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BDY57 SAVANTIC-BDY57 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Seme LAB
BDY57 SEME-LAB-BDY57 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDY57 ISC-BDY57 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDY57 COMSET-BDY57 Datasheet
1Mb / 3P
   SILICON TRANSISTORS, DIFFUSED MESA
More results

Similar Description - BDY57

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY55 COMSET-BDY55_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com