Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECX-H Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECX-H
Description  ECX-H HCMOS OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-H Datasheet(HTML) 2 Page - ECS, Inc.

  ECX-H Datasheet HTML 1Page - ECS, Inc. ECX-H Datasheet HTML 2Page - ECS, Inc. ECX-H Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECSpressCON™
ECX-H HCMOS OSCILLATOR
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
SSB
Phase
Noise
Data
(dBc/Hz
typical)
Package Data
Item
Description
Frequency
(offset)
Phase Jitter pS
12 KHz ~ 20 MHz, RMS
10.000 20.000
25.000
27.000
40.000
50.000
80.000 155.520 212.500
Phase Noise and Jitter Data (typical)
Phase Noise Plot of ECX-H35BM-77.760 (typical)
-93.4
-86.2
-85.2
-86.5
-87
-84.4
-87.1
-87.8
-84.7
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
1 MHz
10 MHz
-118
-114.2
-110
-108.7
-107.1
-106.8
-103
-95.5
-96
-135.4
-129.7
-125.6
-125.5
-125.4
-122
-118
-112.4
-109.1
-140.7
-133.8
-132.3
-134.7
-129.5
-127.1
-120.5
-116.4
-115
-137.1
-131.2
-130.2
-131.1
-121
-123.9
-119.5
-108.2
-105.7
-155.9
-153.2
-148.8
-146.1
-145.8
-144.9
-142.7
-136.9
-133.2
0.94
0.96
0.93
0.94
1.03
0.98
1.13
1.27
1.34
-155
-151.6
-146
-145.8
Lid
Metal
Ceramic
Gold/Nickel
Surface/Under
Base
Plating


Similar Part No. - ECX-H

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-.327-CDX-1293 ECS-ECX-.327-CDX-1293 Datasheet
588Kb / 2P
   The ultra-minature ECX-.327-CDX-1293 is a very compact SMD
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
   ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2R VECOW-ECX-1000-2R Datasheet
436Kb / 2P
   ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
   ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
   ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results

Similar Description - ECX-H

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-L ECS-ECX-L Datasheet
671Kb / 3P
   ECX-L LVDS OSCILLATOR
ECX-P ECS-ECX-P Datasheet
575Kb / 3P
   ECX-P LVPECL OSCILLATOR
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
   HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
   HCMOS/TTL Oscillator
logo
ECS, Inc.
ECXV-H ECS-ECXV-H Datasheet
590Kb / 3P
   ECXV-H HCMOS VCXO
logo
Connor-Winfield Corpora...
SMH524R CONNOR-WINFIELD-SMH524R Datasheet
96Kb / 2P
   SURFACE MOUNT HCMOS OSCILLATOR
logo
Fox Electronics
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
   HCMOS 2.0x1.6mm SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com