Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548D21RVF Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS548D21RVF
Description  1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548D21RVF Datasheet(HTML) 5 Page - Texas Instruments

  TPS548D21RVF Datasheet HTML 1Page - Texas Instruments TPS548D21RVF Datasheet HTML 2Page - Texas Instruments TPS548D21RVF Datasheet HTML 3Page - Texas Instruments TPS548D21RVF Datasheet HTML 4Page - Texas Instruments TPS548D21RVF Datasheet HTML 5Page - Texas Instruments TPS548D21RVF Datasheet HTML 6Page - Texas Instruments TPS548D21RVF Datasheet HTML 7Page - Texas Instruments TPS548D21RVF Datasheet HTML 8Page - Texas Instruments TPS548D21RVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
TPS548D21
www.ti.com
SLUSCI8 – JULY 2016
Product Folder Links: TPS548D21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS548D21
UNIT
RVF (QFN)
(40 PINS)
RθJA
Junction-to-ambient thermal resistance
28.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.3
°C/W
RθJB
Junction-to-board thermal resistance
3.6
°C/W
ψJT
Junction-to-top characterization parameter
0.96
°C/W
ψJB
Junction-to-board characterization parameter
3.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W
(1)
Specified by design. Not production tested.
6.5 Electrical Characteristics
over operating free-air temperature range, VVDD = 12V, VEN_UVLO = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
MOSFET ON-RESISTANCE (RDS(on))
RDS(on)
High-side FET
(VBOOT – VSW) = 5 V, ID = 25 A, TJ = 25°C
2.9
Low-side FET
VVDD = 5 V, ID = 25 A, TJ = 25°C
1.2
INPUT SUPPLY AND CURRENT
VVDD
VDD supply voltage
Nominal VDD voltage range
4.5
22
V
IVDD
VDD bias current
No load, power conversion enabled (no switching),
TA = 25°C,
2.0
mA
IVDDSTBY
VDD standby current
No load, power conversion disabled, TA = 25°C
700
µA
UNDERVOLTAGE LOCKOUT
VVDD_UVLO
VDD UVLO rising threshold
4.25
V
VVDD_UVLO(HYS)
VDD UVLO hysteresis
0.2
V
VEN_ON_TH
EN_UVLO on threshold
1.45
1.6
1.75
V
VEN_HYS
EN_UVLO hysteresis
270
300
340
mV
IEN_LKG
EN_UVLO input leakage
current
VEN_UVLO = 5 V
–1
0
1
µA
INTERNAL REFERENCE VOLTAGE AND EXTERNAL REFIN TRACKING RANGE
VINTREF
Internal REF voltage
900.4
mV
VINTREFTOL
Internal REF voltage
tolerance
–40°C
≤ TJ ≤ 125°C
–0.5%
0.5%
VINTREF
Internal REF voltage range
0.6
1.2
V
VTRKIN_CM
External REFIN voltage range
0
1.25
V
VTRKIN_MAG
External REFIN margin range
0.5
1.25
V
VSEQIN_CM
REFIN_TRK voltage range
0
3.3
V
OUTPUT VOLTAGE
VIOS_LPCMP
Loop comparator input offset
voltage(1)
–2.5
2.5
mV
IRSP
RSP input current
VRSP = 600 mV
–1
1
µA
IVO(dis)
VO discharge current
VVO = 0.5 V, power conversion disabled
8
12
mA
DIFFERENTIAL REMOTE SENSE AMPLIFIER
fUGBW
Unity gain bandwidth(1)
5
7
MHz
A0
Open loop gain(1)
75
dB
SR
Slew rate(1)
±4.7
V/µsec
VIRNG
Input range(1)
–0.2
1.8
V
VOFFSET
Input offset voltage(1)
–3.5
3.5
mV
INTERNAL BOOT STRAP SWITCH
VF
Forward voltage
VBP-BOOT, IF = 10 mA, TA = 25°C
0.1
0.2
V
IBOOT
VBST leakage current
VBOOT = 30 V, VSW = 25 V, TA = 25°C
0.01
1.5
µA


Similar Part No. - TPS548D21RVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFR TI1-TPS548D22RVFR Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFT TI1-TPS548D22RVFT Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
[Old version datasheet]   TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
TPS548D26 TI1-TPS548D26 Datasheet
2Mb / 40P
[Old version datasheet]   TPS548D26 4V to 16V Input, 40A Synchronous Buck Converter With Differential Remote Sense
FEBRUARY 2024
More results

Similar Description - TPS548D21RVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com