Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ130A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SMBJ130A
Description  Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ130A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SMBJ130A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
Transient Voltage Suppressors
(continued)
Typical Characteristics
Pulse Derating Curve
0
25
50
75
100
125
150
175
200
0
25
50
75
100
AMBIENT TEMPERATURE ( C)
º
Non-Repetitive Surge Current
12
5
10
20
50
100
10
20
50
100
200
NUMBER OF CYCLES AT 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
Peak Pulse Power Rating Curve
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
PULSE WIDTH (ms)
T = 25 C
º
A
Junction Capacitance
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)
Pulse Waveform
01234
0
50
100
150
TIME (ms)
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µµµµsec Waveform
as Defined by R.E.A.
tf = 10
µµµµsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td


Similar Part No. - SMBJ130A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ130A JGD-SMBJ130A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ130A SOCAY-SMBJ130A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ130A MCC-SMBJ130A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Yangzhou yangjie electr...
SMBJ130A YANGJIE-SMBJ130A Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
STMicroelectronics
SMBJ130A STMICROELECTRONICS-SMBJ130A Datasheet
133Kb / 10P
   Transil
More results

Similar Description - SMBJ130A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
P6KE6V8A FAIRCHILD-P6KE6V8A Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com