Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53632GRSMR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632GRSMR
Description  D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632GRSMR Datasheet(HTML) 3 Page - Texas Instruments

  TPS53632GRSMR Datasheet HTML 1Page - Texas Instruments TPS53632GRSMR Datasheet HTML 2Page - Texas Instruments TPS53632GRSMR Datasheet HTML 3Page - Texas Instruments TPS53632GRSMR Datasheet HTML 4Page - Texas Instruments TPS53632GRSMR Datasheet HTML 5Page - Texas Instruments TPS53632GRSMR Datasheet HTML 6Page - Texas Instruments TPS53632GRSMR Datasheet HTML 7Page - Texas Instruments TPS53632GRSMR Datasheet HTML 8Page - Texas Instruments TPS53632GRSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
VFB
GFB
NC
PU3
CSP2
CSN2
CSN1
CSP1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TPS53632G
SDA
VDD
PGOOD
NC
PWM-LO
PWM-HI
SKIP
EN
3
TPS53632G
www.ti.com
SLUSCJ3A – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: TPS53632G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSM Package
32-Pin QFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
26
I
Error amplifier summing node. Resistors between the VREF pin and the COMP pin (RCOMP) and
between the COMP pin and the DROOP pin (RDROOP) set the droop gain.
CSP1
17
I
Positive current sense inputs. Connect to the most positive node of current sense resistor or
inductor DCR sense network. Tie CSP2 or CSP1 (in that order) to a 3.3-V supply to disable the
phase.
CSP2
20
PU3
21
Connect to 3.3-V supply.
CSN1
18
I
Negative current sense inputs. Connect to the most negative node of current sense resistor or
inductor DCR sense network. CSN1 has a secondary OVP comparator and includes the soft-stop,
pull-down transistor.
CSN2
19
NC
22
No connect.
DROOP
25
O
Error amplifier output. A resistor pair between this pin and the VREF pin and between the COMP
pin and this pin sets the droop gain. ADROOP = 1 + RDROOP / RCOMP.
EN
8
I
Enable. 100-ns de-bounce. Regulator enters low-power mode, but retains start-up settings when
brought low.
FREQ-P
10
I
A resistor between this pin and GND sets the per-phase switching frequency. Add a resistor to
VREF to disable dynamic phase add and drop operation.
GFB
23
I
Voltage sense return. Tie to GND on PCB with a 10-Ω resistor to provide feedback when the
microprocessor is not populated.
GND
29
Analog circuit reference. Tie this pin to a quiet point on the ground plane.
IMON
13
O
Analog current monitor output. VIMON = ΣVISENSE × (1 + RIMON/ROCP).
OCP-I
12
I/O
Voltage divider to IMON. Resistor ratio sets the IMON gain (see IMON pin). A resistor between this
pin and GND (ROCP) selects 1 of 8 OCP levels (per phase, latched at start-up).
PU
9
I
Pull-up to VREF through 10-kΩ resistor.
PGOOD
3
O
Power good output. Open-drain.
PWM-HI
6
O
PWM controls for the external driver; 5-V logic level. Controller forces signal to the tri-state level
when needed.
PWM-LO
5
NC
4
No connect.
NC
30
No connect.
32


Similar Part No. - TPS53632GRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
More results

Similar Description - TPS53632GRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
   DC-DC Boost Converter for PWM Controller
December 2021
logo
Infineon Technologies A...
TLD5541-1 INFINEON-TLD5541-1_18 Datasheet
3Mb / 81P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.1 2018-02-08
TLD5541-1QV INFINEON-TLD5541-1QV Datasheet
4Mb / 82P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.0, 2016-05-20
logo
STMicroelectronics
L6591 STMICROELECTRONICS-L6591 Datasheet
580Kb / 32P
   PWM controller for ZVS half-bridge
AN2530 STMICROELECTRONICS-AN2530 Datasheet
196Kb / 13P
   Solution for 150 W half bridge resonant DC-DC converter
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
Maxim Integrated Produc...
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com