Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53632GRSMR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632GRSMR
Description  D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632GRSMR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53632GRSMR Datasheet HTML 7Page - Texas Instruments TPS53632GRSMR Datasheet HTML 8Page - Texas Instruments TPS53632GRSMR Datasheet HTML 9Page - Texas Instruments TPS53632GRSMR Datasheet HTML 10Page - Texas Instruments TPS53632GRSMR Datasheet HTML 11Page - Texas Instruments TPS53632GRSMR Datasheet HTML 12Page - Texas Instruments TPS53632GRSMR Datasheet HTML 13Page - Texas Instruments TPS53632GRSMR Datasheet HTML 14Page - Texas Instruments TPS53632GRSMR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
TPS53632G
www.ti.com
SLUSCJ3A – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: TPS53632G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Current Sensing
The TPS53632G device provides independent channels of current feedback for secondary side current
doublers . These independent channels increase the system accuracy and reduce the dependence of circuit
performance on layout compared to an externally summed architecture. The design can use inductor DCR
sensing to yield the best efficiency or resistor current sensing to yield the most accuracy across wide
temperature ranges. DCR sensing can be optimized by using a NTC thermistor to reduce the variation of current
sense with temperature.
The pins CSP1, CSN1, CSP2 and CSN2 are the current sensing pins.
7.3.2
Load Transients
When the load increases suddenly, the output voltage immediately drops. This voltage drop is reflected as a
rising voltage on the DROOP pin. This rising voltage forces the PWM to pulse sooner and more frequently which
causes the inductor current to rapidly increase. As the inductor current reaches the new load current, a steady-
state operating condition is reached and the PWM switching resumes the steady-state frequency. Similarly, when
the load releases suddenly, the output voltage rises. This rise is reflected as a falling voltage on the COMP pin.
This rising voltage forces a delay in the PWM pulses until the inductor current reaches the new load current,
when the switching resumes and steady-state switching continues.
7.3.3 PWM and SKIP Signals
The PWM and SKIP signals are outputs of the controller and serve as input to the driver or DrMOS type devices.
Both are 5-V logic signals. The PWM signals are logic high when the high-side driver turns ON. The PWM signal
must be low for the low-side drive to turn ON. When both the drive signals are OFF, the PWM is in tri-state.
7.3.4 5-V, 3.3-V and 1.8-V Undervoltage Lockout (UVLO)
The TPS53632G device continuously monitors the voltage on the V5A, VDD and VINTF pins to ensure a value
high enough to bias the device properly and provide sufficient gate drive potential to maintain high efficiency. The
converter starts with a voltage of approximately 4.4 V and has a nominal 200 mV of hysteresis. After the 5VA,
VDD or VINTF pins go below the VUVLOL level, the corresponding voltage must fall below VPOR (1.5 V) to reset
the device.
The input voltage (VVIN) does not include a UVLO function, so the circuit runs with power inputs as low as
approximately 3 x VOUT.
7.3.5 Output Undervoltage Protection (UVP)
Output undervoltage protection works in conjunction with the current protection described in the Overcurrent
Protection (OCP) section. If the output voltage drops below the low PGOOD voltage threshold, then the drivers
are turned OFF until the EN pin power is cycled.
7.3.6 Overcurrent Protection (OCP)
The TPS53632G device uses a valley current limiting scheme, so the ripple current must be considered. The DC
current value at OCP (IOCP) is the OCP limit value plus half of the ripple current. Current limiting occurs on a
phase-by-phase and pulse-by-pulse basis. If the voltage between the CSPx and CSNx pins is above the OCP
value, the converter delays the next ON pulse until that voltage difference drops below the OCP limit. For
inductor current sensing circuits, the voltage between the CSPx and CSNx pins is the inductor DCR value
multiplied by the resistor divider which is part of the NTC compensation network. As a result, a wide range of
OCP values can be obtained by changing the resistor divider value. In general, use the highest OCP setting
possible with the least attenuation in the resistor divider to provide as much signal to the device as possible. This
provides the best performance for all parameters related to current feedback.
In OCP mode, the voltage drops until the UVP limit is reached. Then the converter sets the PGOOD to inactive,
and the drivers are turned OFF. The converter remains in this state until the device is reset by the V5A, VDD or
VINTF rails.


Similar Part No. - TPS53632GRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
More results

Similar Description - TPS53632GRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
   DC-DC Boost Converter for PWM Controller
December 2021
logo
Infineon Technologies A...
TLD5541-1 INFINEON-TLD5541-1_18 Datasheet
3Mb / 81P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.1 2018-02-08
TLD5541-1QV INFINEON-TLD5541-1QV Datasheet
4Mb / 82P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.0, 2016-05-20
logo
STMicroelectronics
L6591 STMICROELECTRONICS-L6591 Datasheet
580Kb / 32P
   PWM controller for ZVS half-bridge
AN2530 STMICROELECTRONICS-AN2530 Datasheet
196Kb / 13P
   Solution for 150 W half bridge resonant DC-DC converter
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
Maxim Integrated Produc...
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com