Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53647 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53647
Description  4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53647 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53647 Datasheet HTML 6Page - Texas Instruments TPS53647 Datasheet HTML 7Page - Texas Instruments TPS53647 Datasheet HTML 8Page - Texas Instruments TPS53647 Datasheet HTML 9Page - Texas Instruments TPS53647 Datasheet HTML 10Page - Texas Instruments TPS53647 Datasheet HTML 11Page - Texas Instruments TPS53647 Datasheet HTML 12Page - Texas Instruments TPS53647 Datasheet HTML 13Page - Texas Instruments TPS53647 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
10
TPS53647
SLUSC39A – JUNE 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS53647
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended free-air temperature range, VVIN = 12 V, VV5 = 5 V, VVSN = GND, VVSP = VOUT (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SLEW-MODE PIN: SLEW RATES and MODE SELECTIONS
SLSET
Slew rate setting
RSLEW-MODE ≤ 20 kΩ
or MFR_SPEC_13[2:0] = 000b and MFR_SPEC_07[3] = 0b
0.28
0.34
mV/µs
RSLEW-MODE = 24 kΩ
or MFR_SPEC_13[2:0] = 001b and MFR_SPEC_07[3] = 0b
0.60
0.68
RSLEW-MODE = 30 kΩ
or MFR_SPEC_13[2:0] = 010b and MFR_SPEC_07[3] = 0b
0.91
1.02
RSLEW-MODE = 39 kΩ
or MFR_SPEC_13[2:0] = 011b and MFR_SPEC_07[3] = 0b
1.22
1.36
RSLEW-MODE = 56 kΩ
or MFR_SPEC_13[2:0] = 100b and MFR_SPEC_07[3] = 0b
1.53
1.7
RSLEW-MODE = 75 kΩ
or MFR_SPEC_13[2:0] = 101b and MFR_SPEC_07[3] = 0b
1.85
2.04
RSLEW-MODE = 100 kΩ
or MFR_SPEC_13[2:0] = 110b and MFR_SPEC_07[3] = 0b
2.16
2.38
RSLEW-MODE ≥ 150 kΩ
or MFR_SPEC_13[2:0] = 111b and MFR_SPEC_07[3] = 0b
2.48
2.74
RSLEW-MODE ≤ 20 kΩ
or MFR_SPEC_13[2:0] = 000b and MFR_SPEC_07[3] = 1b
1.53
1.7
RSLEW-MODE = 24 kΩ
or MFR_SPEC_13[2:0] = 001b and MFR_SPEC_07[3] = 1b
1.85
2.04
RSLEW-MODE = 30 kΩ
or MFR_SPEC_13[2:0] = 010b and MFR_SPEC_07[3] = 1b
2.16
2.38
RSLEW-MODE = 39 kΩ
or MFR_SPEC_13[2:0] = 011b and MFR_SPEC_07[3] = 1b
2.48
2.74
RSLEW-MODE = 56 kΩ
or MFR_SPEC_13[2:0] = 100b and MFR_SPEC_07[3] = 1b
2.79
3.08
RSLEW-MODE = 75 kΩ
or MFR_SPEC_13[2:0] = 101b and MFR_SPEC_07[3] = 1b
3.10
3.43
RSLEW-MODE = 100 kΩ
or MFR_SPEC_13[2:0] = 110b and MFR_SPEC_07[3] = 1b
3.41
3.76
RSLEW-MODE ≥ 150 kΩ
or MFR_SPEC_13[2:0] = 111b and MFR_SPEC_07[3] = 1b
3.73
4.13


Similar Part No. - TPS53647

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53647 TI-TPS53647_15 Datasheet
2Mb / 122P
[Old version datasheet]   TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
More results

Similar Description - TPS53647

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53647 TI-TPS53647_15 Datasheet
2Mb / 122P
[Old version datasheet]   TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53667 TI1-TPS53667 Datasheet
362Kb / 11P
[Old version datasheet]   6-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Texas Instruments
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com