Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF5A40F Datasheet(PDF) 5 Page - Formosa MS

Part # EF5A40F
Description  Effciency Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EF5A40F Datasheet(HTML) 5 Page - Formosa MS

  EF5A40F Datasheet HTML 1Page - Formosa MS EF5A40F Datasheet HTML 2Page - Formosa MS EF5A40F Datasheet HTML 3Page - Formosa MS EF5A40F Datasheet HTML 4Page - Formosa MS EF5A40F Datasheet HTML 5Page - Formosa MS EF5A40F Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
EF5A05F THRU EF5A60F
Document ID
Issued Date
Revised Date
Revision
Page.
Suggested thermal profiles for soldering processes
1.Lead free temperature profile wave-soldering
0
20
40
60
80
100 120 140 160 180 200 220 240
Time(Sec)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Preheat
Max gradient 2ºC/s
Peak
Max well
time 5 Max
Cool Down
Max gradient-4ºC/s
Suggested gradient 2ºC/s or
less
-
Peak soldering temperature not
to exceed 260ºC
Effciency Fast Rectifiers
DS-222504
2008/02/10
2015/07/06
C
6


Similar Part No. - EF5A40F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF5A40F FRONTIER-EF5A40F Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
More results

Similar Description - EF5A40F

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF10A05F FORMOSA-EF10A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF8A05F FORMOSA-EF8A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF8A05 FORMOSA-EF8A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF5A05 FORMOSA-EF5A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF1005CT FORMOSA-EF1005CT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF1605CT FORMOSA-EF1605CT Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
FE8A60 FORMOSA-FE8A60 Datasheet
89Kb / 6P
   Effciency Fast Rectifiers
FE8A60F FORMOSA-FE8A60F Datasheet
90Kb / 6P
   Effciency Fast Rectifiers
EF1005FCT FORMOSA-EF1005FCT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF10A05 FORMOSA-EF10A05 Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com