Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54010 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54010
Description  2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54010 Datasheet HTML 3Page - Texas Instruments TPS54010 Datasheet HTML 4Page - Texas Instruments TPS54010 Datasheet HTML 5Page - Texas Instruments TPS54010 Datasheet HTML 6Page - Texas Instruments TPS54010 Datasheet HTML 7Page - Texas Instruments TPS54010 Datasheet HTML 8Page - Texas Instruments TPS54010 Datasheet HTML 9Page - Texas Instruments TPS54010 Datasheet HTML 10Page - Texas Instruments TPS54010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
250
350
450
550
650
750
−40
0
25
85
125
TJ − Junction Temperature − °C
SYNC
≥ 2.5 V
SYNC
≤ 0.8 V
0
2
4
6
8
10
12
−40 −20
0
20
40
60
80
100
TJ − Junction Temperature − °C
VIN = 3.6 V,
PVIN = 2.5 V,
IO = 9 A
125
0
2
4
6
8
10
12
−40 −20
0
20
40
60
80
100 125
TJ − Junction Temperature − °C
VIN = 3.3 V,
PVIN = 2.5 V,
IO = 9 A
200
300
400
500
600
700
800
−40
0
25
85
125
TJ − Junction Temperature − °C
RT = 68 k
RT = 100 k
RT = 180 k
0.885
0.887
0.889
0.891
0.893
0.895
−40
0
25
85
125
TJ − Junction Temperature − °C
0
1
2
3
4
5
6
7
8
0
5
10
15
20
IO − Output Current − A
VO = 1.5 V,
VI = PVIN = 3.3 V,
TJ = 125°C
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k
100 k
10 M
f − Frequency − Hz
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
0.885
0.887
0.889
0.891
0.893
0.895
3
3.1
3.2
3.3
3.4
3.5
3.6
VI − Input Voltage − V
PVIN = 2.5 V
2.75
2.90
3.05
3.20
3.35
3.50
3.65
−40
0
25
85
125
TJ − Junction Temperature − °C
3.80
VIN = 3.3 V,
PVIN = 2.5 V
TPS54010
SLVS509B – MAY 2004 – REVISED JUNE 2005
DRAIN-SOURCE ON-STATE
DRAIN-SOURCE ON-STATE
INTERNALLY SET OSCILLATOR
RESISTANCE
RESISTANCE
FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
EXTERNALLY SET OSCILLATOR
FREQUENCY
VOLTAGE REFERENCE
DEVICE POWER DISSIPATION
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
REFERENCE VOLTAGE
INTERNAL SLOWS-START TIME
vs
ERROR AMPLIFIER
vs
INPUT VOLTAGE
OPEN-LOOP RESPONSE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
7


Similar Part No. - TPS54010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI1-TPS54010-EP Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI-TPS54010-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010_15 Datasheet
954Kb / 29P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI-TPS54010-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com