Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060
Description  0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54060 Datasheet HTML 5Page - Texas Instruments TPS54060 Datasheet HTML 6Page - Texas Instruments TPS54060 Datasheet HTML 7Page - Texas Instruments TPS54060 Datasheet HTML 8Page - Texas Instruments TPS54060 Datasheet HTML 9Page - Texas Instruments TPS54060 Datasheet HTML 10Page - Texas Instruments TPS54060 Datasheet HTML 11Page - Texas Instruments TPS54060 Datasheet HTML 12Page - Texas Instruments TPS54060 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
90
100
110
120
130
140
0
20
40
60
Input Voltage (V)
C018
100.000
105.000
110.000
115.000
120.000
125.000
130.000
±75 ±55 ±35 ±15
5
25
45
65
85 105 125 145 165
Junction Temperature (
ƒC)
C002
0
0.5
1
1.5
2
0
10
20
30
40
50
60
Input Voltage (V)
C016
0.000
0.500
1.000
1.500
±75 ±55 ±35 ±15
5
25
45
65
85 105 125 145 165
Junction Temperature (
ƒC)
C002
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
(V)
SENSE
C014
90.000
95.000
100.000
105.000
110.000
115.000
±75 ±55 ±35 ±15
5
25
45
65
85 105 125 145 165
Junction Temperature (
ƒC)
C002
TPS54060-EP
www.ti.com
SLVSCF8 – JULY 2014
Typical Characteristics (continued)
VIN = 12 V
VIN = 12 V
TJ = 25°C
Figure 13. SS/TR Discharge Current vs Junction
Figure 14. Switching Frequency vs VSENSE
Temperature
VIN = 12 V
TJ = 25°C
Figure 15. Shutdown Supply Current vs Junction
Figure 16. Shutdown Supply Current vs Input Voltage (VIN)
Temperature
VIN = 12 V
V(VSENSE) = 0.83 V
TJ = 25°C
V(VSENSE) = 0.83 V
Figure 17. VIN Supply Current vs Junction Temperature
Figure 18. VIN Supply Current vs Input Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS54060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060ADGQ TI1-TPS54060ADGQ Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Similar Description - TPS54060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com