Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGFM301-BS Datasheet(PDF) 7 Page - Formosa MS

Part # EGFM301-BS
Description  Chip Effcienct Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EGFM301-BS Datasheet(HTML) 7 Page - Formosa MS

  EGFM301-BS Datasheet HTML 1Page - Formosa MS EGFM301-BS Datasheet HTML 2Page - Formosa MS EGFM301-BS Datasheet HTML 3Page - Formosa MS EGFM301-BS Datasheet HTML 4Page - Formosa MS EGFM301-BS Datasheet HTML 5Page - Formosa MS EGFM301-BS Datasheet HTML 6Page - Formosa MS EGFM301-BS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
EGFM301-BS THRU EGFM305-BS
DS-121537
2012/08/29
-
A
7
Chip Effcienct Fast Rectifiers
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities


Similar Part No. - EGFM301-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM301 FORMOSA-EGFM301 Datasheet
123Kb / 7P
   Chip Effcienct Fast Rectifiers
More results

Similar Description - EGFM301-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM201-BS FORMOSA-EGFM201-BS Datasheet
115Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101 FORMOSA-EGFM101 Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-M FORMOSA-EGFM101-M Datasheet
61Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM301 FORMOSA-EGFM301 Datasheet
123Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-S FORMOSA-EGFM101-S Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM201 FORMOSA-EGFM201 Datasheet
72Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-MS FORMOSA-EGFM101-MS Datasheet
62Kb / 7P
   SMD Effcienct Fast Rectifiers
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
MURS140-BS FORMOSA-MURS140-BS Datasheet
63Kb / 7P
   Chip Ultra Fast Rectifiers
MURS260-BS FORMOSA-MURS260-BS Datasheet
100Kb / 7P
   Chip Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com