Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54110PWPG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54110PWPG4
Description  3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54110PWPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54110PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 9Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 10Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 11Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 12Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 13Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 14Page - Texas Instruments TPS54110PWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LC
OUT
OUT
L
C
1
¦ =
2p
Z
R C
1
1
¦ =
2p 3 6
Z
R C
2
1
¦ =
2p 1 8
P
R C
1
1
¦ =
2p 5 8
P
R C
2
1
¦ =
2p 3 7
INT
R C
1
¦
=
2p 1 6
-
CO
INT
0.74
10
´ ¦
¦
=
2
INT
C
R
1
6 =
2p 1¦
LC
R
C
1
1 =
2p 6¦
TPS54110
www.ti.com
SLVS500C
– DECEMBER 2003 – REVISED FEBRUARY 2011
There are a number of different ways to design a compensation network. This procedure outlines a relatively
simple procedure that produces good results with most output filter combinations. Use the SWIFT Designer
Software for designs with unusually high closed-loop crossover frequencies; with low-value, low-ESR output
capacitors such as ceramics; or if you are unsure about the design procedure.
A number of considerations apply when designing compensation networks for the TPS54110. The compensated
error-amplifier gain must not be limited by the open-loop amplifier gain characteristics and must not produce
excessive gain at the switching frequency. Also, the closed-loop crossover frequency must be set less than one
fifth of the switching frequency, and the phase margin at crossover must be greater than 45 degrees. The
general procedure outlined here meets these requirements without going into great detail about the theory of
loop compensation.
First, calculate the output filter LC corner frequency using Equation 10:
(10)
For the design example,
ƒLC = 6103 Hz.
Choose a closed-loop crossover frequency greater than fLC and less than one fifth of the switching frequency.
Also, keep the crossover frequency below 100 kHz, as the error amplifier may not provide the desired gain at
higher frequencies. The 60-kHz crossover frequency chosen for this design provides comparatively wide loop
bandwidth while still allowing adequate phase boost to ensure stability.
Next, the values for the compensation components that set the poles and zeros of the compensation network are
calculated. Assuming an R1 value
> than R5 and a C6 value > C7, the pole and zero locations are given by
Equation 11 through Equation 14:
(11)
(12)
(13)
(14)
Additionally there is a pole at the origin, which has unity gain at a frequency:
(15)
This pole is used to set the overall gain of the compensated error amplifier and determines the closed loop
crossover frequency. Since R1 is given as 10 k
Ω and the crossover frequency is selected as 60 kHz, the desired
fINT is calculated from Equation 16:
(16)
And the value for C6 is given by Equation 17:
(17)
Since C6 is calculated to be 2900 pF, and the location of the integrator crossover frequency is important in
setting the overall loop crossover, adjust the value of R1 so that C6 is a standard value of 2700 pF, using
Equation 18:
(18)
The value for R1 is 10.7 K
Ω
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54110


Similar Part No. - TPS54110PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110PWP TI-TPS54110PWP Datasheet
331Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
More results

Similar Description - TPS54110PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com