Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54116-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54116-Q1
Description  2.95-V to 6-V Input, 4-A Step-Down Converter and 1-A Source/Sink DDR Termination Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54116-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54116-Q1 Datasheet HTML 1Page - Texas Instruments TPS54116-Q1 Datasheet HTML 2Page - Texas Instruments TPS54116-Q1 Datasheet HTML 3Page - Texas Instruments TPS54116-Q1 Datasheet HTML 4Page - Texas Instruments TPS54116-Q1 Datasheet HTML 5Page - Texas Instruments TPS54116-Q1 Datasheet HTML 6Page - Texas Instruments TPS54116-Q1 Datasheet HTML 7Page - Texas Instruments TPS54116-Q1 Datasheet HTML 8Page - Texas Instruments TPS54116-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
TPS54116-Q1
www.ti.com
SLVSCO3A – AUGUST 2016 – REVISED AUGUST 2016
Product Folder Links: TPS54116-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V(AVIN), V(PVIN)
Input voltage
2.95
6
V
VOUT
Buck output voltage
0.6
4.5
V
IOUT
Buck output current
0
4
A
V(VDDQSNS)
VDDQSNS input voltage
1
3.5
V
V(LDOIN)
LDOIN input voltage
VTT + VDO
3.5
V
V(VTT), V(VTTREF)
VTT and VTTREF output voltage
0.5
3.5
V
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS54116-Q1
UNIT
RTW (WQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
36.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.0
RθJB
Junction-to-board thermal resistance
14.3
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
14.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.6
6.5 Electrical Characteristics
TJ = -40°C to 150°C, AVIN = PVIN = 2.95 V to 6 V, VLDOIN = VDDQSNS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (AVIN and PVIN PINS)
AVIN and PVIN operating
2.95
6
V
AVIN internal UVLO threshold
AVIN rising
2.7
2.8
V
AVIN internal UVLO hysteresis
0.05
0.12
V
Iq shutdown
V(ENSW) = V(ENLDO) = 0 V, V(VDDQSNS) = 1.8
V, TJ = 25°C
1
3.5
µA
Iq operating — LDO and buck enabled
V(ENSW) = V(ENLDO) = V(AVIN) = 5 V, V(FB) =
0.7 V, V(VDDQSNS) = 1.8 V, TJ = 25°C
650
800
µA
Iq operating — LDO enabled, buck
disabled
V(ENLDO) = V(AVIN) = 5 V, V(ENSW) = 0 V,
V(VDDQSNS) = 1.8 V, TJ = 25°C
190
300
µA
Iq operating — LDO disabled, buck
enabled
V(ENSW) = V(AVIN) = 5 V, V(ENLDO) = 0 V,
V(FB) = 0.7 V, V(VDDQSNS) = 1.8 V, TJ =
25°C
570
700
µA
ENABLE (ENSW and ENLDO PINS)
VENRISING
ENLDO rising threshold
ENLDO voltage ramping up
1.20
V
VENFALLING
ENLDO falling threshold
ENLDO voltage ramping down
1.17
ENLDO input current above voltage
threshold
V(ENLDO) = Enable threshold + 50 mV
-4.4
µA
Ip
ENLDO input current below voltage
threshold
V(ENLDO) = Enable threshold - 50 mV
-1.7
Ih
ENLDO hysteresis current
-2.7
VENRISING
ENSW rising threshold
ENSW voltage ramping up
1.20
V
VENFALLING
ENSW falling threshold
ENSW voltage ramping down
1.17
ENSW input current above voltage
threshold
V(ENSW) = Enable threshold + 50 mV
-4.4
µA
Ip
ENSW input current below voltage
threshold
V(ENSW) = Enable threshold - 50 mV
-1.7
Ih
ENSW hysteresis current
-2.7
Input current above voltage threshold with
ENLDO and ENSW connected
V(ENLDO) = V(ENSW) = Enable threshold +
50 mV
-8.5
µA


Similar Part No. - TPS54116-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI-TPS54110 Datasheet
331Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
TPS54110 TI-TPS54110 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54110 TI1-TPS54110 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
More results

Similar Description - TPS54116-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com