Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEGFM105-M Datasheet(PDF) 6 Page - Formosa MS

Part # FEGFM105-M
Description  Chip Fast Efficient Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FEGFM105-M Datasheet(HTML) 6 Page - Formosa MS

  FEGFM105-M Datasheet HTML 1Page - Formosa MS FEGFM105-M Datasheet HTML 2Page - Formosa MS FEGFM105-M Datasheet HTML 3Page - Formosa MS FEGFM105-M Datasheet HTML 4Page - Formosa MS FEGFM105-M Datasheet HTML 5Page - Formosa MS FEGFM105-M Datasheet HTML 6Page - Formosa MS FEGFM105-M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Reel packing
SOD-123
7"
2,500
4.0
25,000
183*183*123
178
382*262*387
200,000
9.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
oo
CC
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
Formosa MS
FEGFM105-M
Chip Fast Efficient Rectifiers
DS-121541
2013/04/30
2015/01/21
B
7


Similar Part No. - FEGFM105-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FEGFM105-MH1 FORMOSA-FEGFM105-MH1 Datasheet
58Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM105-MS FORMOSA-FEGFM105-MS Datasheet
59Kb / 7P
   SMD Fast Efficient Rectifiers
More results

Similar Description - FEGFM105-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FEGFM105 FORMOSA-FEGFM105 Datasheet
59Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM305 FORMOSA-FEGFM305 Datasheet
121Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM105-S FORMOSA-FEGFM105-S Datasheet
59Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM205-BS FORMOSA-FEGFM205-BS Datasheet
115Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM205-S FORMOSA-FEGFM205-S Datasheet
72Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM305-BS FORMOSA-FEGFM305-BS Datasheet
122Kb / 7P
   Chip Fast Efficient Rectifiers
FEGFM105-MH1 FORMOSA-FEGFM105-MH1 Datasheet
58Kb / 7P
   Chip Fast Efficient Rectifiers
logo
Comchip Technology
CEF860LT-G COMCHIP-CEF860LT-G Datasheet
69Kb / 4P
   Efficient Fast Recovery Rectifiers
logo
Formosa MS
FEGFM105-MS FORMOSA-FEGFM105-MS Datasheet
59Kb / 7P
   SMD Fast Efficient Rectifiers
logo
Comchip Technology
CEFC301-G COMCHIP-CEFC301-G_12 Datasheet
63Kb / 2P
   SMD Efficient Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com