Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF364MTD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF364MTD
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF364MTD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CF364MTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF364MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Transmitter Switching Characteristics
Over recommended operating supply and −40˚C to +85˚C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time
(Figure 3 )
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time
(Figure 3 )
0.75
1.5
ns
TCIT
TxCLK IN Transition Time
(Figure 5 )
5ns
TCCS
TxOUT Channel-to-Channel Skew
(Figure 6 )
250
ps
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 17 )
f = 65 MHz
−0.4
0
0.3
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
1.8
2.2
2.5
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.0
4.4
4.7
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.2
6.6
6.9
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.4
8.8
9.1
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.6
11.0
11.3
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.8
13.2
13.5
ns
TCIP
TxCLK IN Period
(Figure 7)
15
T
50
ns
TCIH
TxCLK IN High Time
(Figure 7)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time
(Figure 7)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN
(Figure 7 )
f = 65 MHz
2.5
ns
THTC
TxIN Hold to TxCLK IN
(Figure 7 )
0ns
TCCD
TxCLK IN to TxCLK OUT Delay 25˚C, V
CC = 3.3V (Figure 9 )
3.0
3.7
5.5
ns
TPLLS
Transmitter Phase Lock Loop Set
(Figure 11 )
10
ms
TPDD
Transmitter Power Down Delay
(Figure 15 )
100
ns
www.national.com
5


Similar Part No. - DS90CF364MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF364MTD/NOPB TI1-DS90CF364MTD/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90CF364MTDX/NOPB TI1-DS90CF364MTDX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
More results

Similar Description - DS90CF364MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF363 NSC-DS90CF363 Datasheet
184Kb / 9P
   3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com