Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31MJB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31MJB
Description  AM26C31 Quadruple Differential Line Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31MJB Datasheet(HTML) 3 Page - Texas Instruments

  AM26C31MJB Datasheet HTML 1Page - Texas Instruments AM26C31MJB Datasheet HTML 2Page - Texas Instruments AM26C31MJB Datasheet HTML 3Page - Texas Instruments AM26C31MJB Datasheet HTML 4Page - Texas Instruments AM26C31MJB Datasheet HTML 5Page - Texas Instruments AM26C31MJB Datasheet HTML 6Page - Texas Instruments AM26C31MJB Datasheet HTML 7Page - Texas Instruments AM26C31MJB Datasheet HTML 8Page - Texas Instruments AM26C31MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Not to scale
4
1Z
5
G
6
NC
7
2Z
8
2Y
14
3Z
15
G
16
NC
17
4Z
18
4Y
Not to scale
1
1A
16
VCC
2
1Y
15
4A
3
1Z
14
4Y
4
G
13
4Z
5
2Z
12
G
6
2Y
11
3Z
7
2A
10
3Y
8
GND
9
3A
3
AM26C31
www.ti.com
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
J, W, D, DB, NS, N, or PW Package
16-Pin CDIP, CFP, SOIC, SSOP, SO, PDIP, or TSSOP
Top View
FK Package
20-Pin LCCC
Top View
(1)
NC – No connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP, CFP, SOIC,
SSOP, SO, PDIP,
TSSOP
LCCC
1A
1
2
I
Driver 1 input
1Y
2
3
O
Driver 1 output
1Z
3
4
O
Driver 1 inverted output
2A
7
9
I
Driver 2 input
2Y
6
8
O
Driver 2 output
2Z
5
7
O
Driver 2 inverted output
3A
9
12
I
Driver 3 input
3Y
10
13
O
Driver 3 output
3Z
11
14
O
Driver 3 inverted output
4A
15
19
I
Driver 3 input
4Y
14
18
O
Driver 3 output
4Z
13
17
O
Driver 3 inverted output
G
4
5
I
Active high enable
G
12
15
I
Active low enable
GND
8
10
Ground pin
NC(1)
1, 6, 11, 16
No internal connection
VCC
16
20
Power pin


Similar Part No. - AM26C31MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31MJB TI-AM26C31MJB Datasheet
608Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - AM26C31MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com