Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31CDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31CDRG4
Description  AM26C31 Quadruple Differential Line Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31CDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  AM26C31CDRG4 Datasheet HTML 1Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 2Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 3Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 4Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 5Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 6Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 7Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 8Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
VCC
Input 1 Signal
Output 1
Differential Pair
Input 2 Signal
Output 2
Differential Pair
Output 4
Differential Pair
Input 4 Signal
Output 3
Differential Pair
Input 3 Signal
Active Low Enable Signal
0.1 PF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM26C31
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
AM26C31 Quadruple Differential Line Driver
1
1 Features
1
Meets or Exceeds the Requirements of TIA/EIA-
422-B and ITU Recommendation V.11
Low Power, ICC = 100 μA Typical
Operates From a Single 5-V Supply
High Speed, tPLH = tPHL = 7 ns Typical
Low Pulse Distortion, tsk(p) = 0.5 ns Typical
High Output Impedance in Power-Off Conditions
Improved Replacement for AM26LS31 Device
Available in Q-Temp Automotive
High-Reliability Automotive Applications
Configuration Control and Print Support
Qualification to Automotive Standards
On Products Compliant to MIL-PRF-38535, All
Parameters Are Tested Unless Otherwise Noted.
On All Other Products, Production Processing
Does Not Necessarily Include Testing of All
Parameters.
2 Applications
Chemical and Gas Sensors
Field Transmitters: Temperature Sensors and
Pressure Sensors
Military: Radars and Sonars
Motor Control: Brushless DC and Brushed DC
Military and Avionics Imaging
Temperature Sensors and Controllers Using
Modbus
3 Description
The AM26C31 device is a differential line driver with
complementary
outputs,
designed
to
meet
the
requirements of TIA/EIA-422-B and ITU (formerly
CCITT).
The
3-state
outputs
have
high-current
capability for driving balanced lines, such as twisted-
pair or parallel-wire transmission lines, and they
provide the high-impedance state in the power-off
condition. The enable functions are common to all
four drivers and offer the choice of an active-high (G)
or active-low (G) enable input. BiCMOS circuitry
reduces
power
consumption
without
sacrificing
speed.
The AM26C31C device is characterized for operation
from
0°C
to
70°C,
the
AM26C31I
device
is
characterized for operation from –40°C to 85°C, the
AM26C31Q device is characterized for operation over
the automotive temperature range of –40°C to 125°C,
and the AM26C31M device is characterized for
operation over the full military temperature range of
–55°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AM26C31J
CDIP (16)
19.56 mm × 6.92 mm
AM26C31N
PDIP (16)
19.30 mm × 6.35 mm
AM26C31NS
SO (16)
10.30 mm × 5.30 mm
AM26C31W
CFP (16)
10.30 mm × 6.73 mm
AM26C31D
SOIC (16)
9.90 mm × 3.91 mm
AM26C31DB
SSOP (16)
6.20 mm × 5.30 mm
AM26C31PW
TSSOP (16)
5.00 mm × 4.40 mm
AM26C31FK
LCCC (20)
8.89 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Common Application Diagram


Similar Part No. - AM26C31CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31CDRG4 TI-AM26C31CDRG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31CDRG4 TI-AM26C31CDRG4 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - AM26C31CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com