Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10QML Datasheet(PDF) 3 Page - Texas Instruments

Part # LM10QML
Description  Operational Amplifier and Voltage Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10QML Datasheet(HTML) 3 Page - Texas Instruments

  LM10QML_14 Datasheet HTML 1Page - Texas Instruments LM10QML_14 Datasheet HTML 2Page - Texas Instruments LM10QML_14 Datasheet HTML 3Page - Texas Instruments LM10QML_14 Datasheet HTML 4Page - Texas Instruments LM10QML_14 Datasheet HTML 5Page - Texas Instruments LM10QML_14 Datasheet HTML 6Page - Texas Instruments LM10QML_14 Datasheet HTML 7Page - Texas Instruments LM10QML_14 Datasheet HTML 8Page - Texas Instruments LM10QML_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM10QML
www.ti.com
SNOSAP1A – OCTOBER 2010 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Total Supply Voltage
45V
Differential Input Voltage (2)
±40V
Power Dissipation (PDmax)
(3)
Internally Limited
Output Short-circuit Duration (4)
Continuous
Storage Temperature Range
−55°C ≤ TA ≤ +150°C
Maximum Junction Temperature (TJmax)
150°C
Lead Temperature
(Soldering 10 seconds)
300°C
Thermal Resistance
θJA
Still Air
150°C
500LF/Min Air flow
45°C
θJC
45°C
ESD
Rating to be determined
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the
maximum differential input voltage and excess dissipation is accounted for when VI< VS
-.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower..
(4)
Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress
with a shorted output and worst-case conditions.
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10QML


Similar Part No. - LM10QML_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10QML TI1-LM10QML Datasheet
714Kb / 32P
[Old version datasheet]   LM10QML Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10QML NSC-LM10QML Datasheet
1Mb / 28P
   LM10QML Operational Amplifier and Voltage Reference
More results

Similar Description - LM10QML_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com