Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695IDBVTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVTG4
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDBVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA695IDBVTG4 Datasheet HTML 3Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 4Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 5Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 6Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 7Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 8Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 9Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 10Page - Texas Instruments OPA695IDBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
OPA695
www.ti.com
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
RF = 348 Ω, RL = 100 Ω to VS/2, and G = +8, (see Figure 50 for AC performance only), unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
(1)
25°C(2)
90(5)
120
Current output, sourcing
VO = 0
0°C to 70°C(3)
80
mA
A
–40°C to +85°C(3)
70
25°C(2)
90(5)
0°C to 70°C(3)
–80
Current output, sinking
VO = 0
mA
A
–40°C to
–70
+85°C(3)
Closed-loop output impedance
G = +8, f = 100 kHz
25°C
0.04
Ω
C
DISABLE (Disabled LOW)
25°C
–100
25°C(2)
–170(5)
Power-down supply current
VDIS = 0
µA
A
(+VS)
0°C to 70°C(3)
–186
–40°C to +85°C(3)
–192
Disable time
VIN = ±0.25 VDC
25°C
1
µs
C
Enable time
VIN = ±0.25 VDC
25°C
1
ns
C
Off isolation
G = +8, 10 MHz
25°C
70
dB
C
Output capacitance in disable
25°C
4
pF
C
Turn on glitch
G = +2, RL = 150 Ω, VIN = 0
25°C
±100
mV
C
Turn off glitch
G = +2, RL = 150 Ω, VIN = 0
25°C
±20
mV
C
25°C(2)
3.5(5)
3.3
Enable voltage
0°C to 70°C(3)
3.6
V
A
–40°C to +85°C(3)
3.7
25°C(2)
1.8
1.7(5)
Disable voltage
0°C to 70°C(3)
1.6
V
A
–40°C to +85°C(3)
1.5
25°C(2)
75
130(5)
Control pin input bias current
VDIS = 0
0°C to 70°C(3)
143
µA
A
(DIS)
–40°C to +85°C(3)
145
POWER SUPPLY
Specified operating voltage
25°C
±5
V
C
25°C(2)
±6(5)
Maximum operating voltage
0°C to 70°C(3)
±6
V
A
range
–40°C to +85°C(3)
±6
25°C
12.9
25°C(2)
13.3(5)
Maximum quiescent
VS = ±5 V
mA
A
0°C to 70°C(3)
13.7
–40°C to +85°C(3)
14.1
25°C
12.9
25°C(2)
12.6(5)
Minimum quiescent current
VS = ±5 V
mA
A
0°C to 70°C(3)
11.8
–40°C to +85°C(3)
11
25°C
55
25°C(2)
51(5)
Power-supply rejection radio
Input referred
dB
A
(–PSRR)
0°C to 70°C(3)
48
–40°C to +85°C(3)
48
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA695


Similar Part No. - OPA695IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDBVTG4 TI1-OPA695IDBVTG4 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com