Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695IDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDR
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA695IDR Datasheet HTML 7Page - Texas Instruments OPA695IDR Datasheet HTML 8Page - Texas Instruments OPA695IDR Datasheet HTML 9Page - Texas Instruments OPA695IDR Datasheet HTML 10Page - Texas Instruments OPA695IDR Datasheet HTML 11Page - Texas Instruments OPA695IDR Datasheet HTML 12Page - Texas Instruments OPA695IDR Datasheet HTML 13Page - Texas Instruments OPA695IDR Datasheet HTML 14Page - Texas Instruments OPA695IDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
OPA695
www.ti.com
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
RF = 348 Ω, RL = 100 Ω to VS/2, and G = +8, (see Figure 50 for AC performance only), unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
(1)
25°C
3.3
25°C(2)
3.5(5)
Enable voltage
V
A
0°C to 70°C(3)
3.6
–40°C to +85°C(3)
3.7
25°C
1.8
25°C(2)
1.7(5)
Disable voltage
V
A
0°C to 70°C(3)
1.6
–40°C to +85°C(3)
1.5
25°C
75
25°C(2)
130
Control pin input bias current
VDIS = 0
µA
C
(DIS)
0°C to 70°C(3)
143
–40°C to +85°C(3)
149
POWER SUPPLY
Specified single-supply operating
25°C
5
V
C
voltage
25°C(2)
12(5)
Max single-supply operating
0°C to 70°C(3)
12
V
A
voltage
–40°C to +85°C(3)
12
25°C
11.4
25°C(2)
12(5)
Max quiescent current
VS = +5 V
mA
A
0°C to 70°C(3)
12.5
–40°C to +85°C(3)
12.9
25°C
11.4
25°C(2)
10.9(5)
Min quiescent current
VS = +5 V
mA
A
0°C to 70°C(3)
9.4
–40°C to +85°C(3)
9.1
Power-supply rejection ratio
Input referred
25°C
56
dB
A
(–PSRR)
TEMPERATURE RANGE
–40 to
Specification: ID, IDBV
25°C
°C
°C
+85
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA695


Similar Part No. - OPA695IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDR TI-OPA695IDR Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDRG4 TI1-OPA695IDRG4 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com