Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA827 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA827
Description  Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA827 Datasheet(HTML) 4 Page - Texas Instruments

  OPA827_16 Datasheet HTML 1Page - Texas Instruments OPA827_16 Datasheet HTML 2Page - Texas Instruments OPA827_16 Datasheet HTML 3Page - Texas Instruments OPA827_16 Datasheet HTML 4Page - Texas Instruments OPA827_16 Datasheet HTML 5Page - Texas Instruments OPA827_16 Datasheet HTML 6Page - Texas Instruments OPA827_16 Datasheet HTML 7Page - Texas Instruments OPA827_16 Datasheet HTML 8Page - Texas Instruments OPA827_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
Out
NC
(1)
NC
(1)
-In
+In
V-
4
OPA827
SBOS376I – NOVEMBER 2006 – REVISED JULY 2016
www.ti.com
Product Folder Links: OPA827
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D and DGK Packages
8-Pin SOIC and VSSOP
Top View
(1)
NC denotes no internal connection.
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
+IN
3
I
Noninverting input
–IN
2
I
Inverting input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
6
O
Output
V+
7
Positive power supply
V–
4
Negative power supply


Similar Part No. - OPA827_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA827A BURR-BROWN-OPA827A Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AI TI-OPA827AI Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827AID BURR-BROWN-OPA827AID Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827AID BURR-BROWN-OPA827AID Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AID TI-OPA827AID Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA827_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com