Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA725AIDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA725AIDBVR
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA725AIDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA725AIDBVR Datasheet HTML 5Page - Texas Instruments OPA725AIDBVR Datasheet HTML 6Page - Texas Instruments OPA725AIDBVR Datasheet HTML 7Page - Texas Instruments OPA725AIDBVR Datasheet HTML 8Page - Texas Instruments OPA725AIDBVR Datasheet HTML 9Page - Texas Instruments OPA725AIDBVR Datasheet HTML 10Page - Texas Instruments OPA725AIDBVR Datasheet HTML 11Page - Texas Instruments OPA725AIDBVR Datasheet HTML 12Page - Texas Instruments OPA725AIDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
SMALL−SIGNAL OVERSHOOT vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1000
90
80
70
60
50
40
30
20
10
0
G= +1
G=
−1
C
F =3pF
G= +5
C
F = 1pF
VOLTAGE OFFSET DRIFT PRODUCTION DISTRIBUTION
Voltage Offset Drift (
µV/_C)
2
0
4
6
8
10
12
14
16
Typical production distribution
of packaged units.
LARGE−SIGNAL STEP RESPONSE
400ns/div
G= +1
R
L =10kΩ
C
L =20pF
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
SMALL−SIGNAL STEP RESPONSE
100ns/div
G= +1
R
L =10kΩ
C
L =20pF
SMALL−SIGNAL STEP RESPONSE
200ns/div
C
F = 2pF
C
F = 3pF
C
F =4pF
10k
C
F
C
L
20pF
G=
−1
R
F
10k
OP A 7 25


Similar Part No. - OPA725AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA725AIDBVR BURR-BROWN-OPA725AIDBVR Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results

Similar Description - OPA725AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com