Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2743PA Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2743PA
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2743PA Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2743PA Datasheet HTML 3Page - Texas Instruments OPA2743PA Datasheet HTML 4Page - Texas Instruments OPA2743PA Datasheet HTML 5Page - Texas Instruments OPA2743PA Datasheet HTML 6Page - Texas Instruments OPA2743PA Datasheet HTML 7Page - Texas Instruments OPA2743PA Datasheet HTML 8Page - Texas Instruments OPA2743PA Datasheet HTML 9Page - Texas Instruments OPA2743PA Datasheet HTML 10Page - Texas Instruments OPA2743PA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OPA743
7
SBOS201
V
OUT = 5Vp-p
0.1%
0.01%
25
20
15
10
5
0
SETTLING TIME vs GAIN
1
10
100
Noninverting Gain (V/V)
G = –1
G = +1
G = +5
OVERSHOOT (%) vs CAPACITANCE
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Load Capacitance Value (pF)
15
10
5
0
V
OS PRODUCTION DISTRIBUTION
Voltage Offset (mV)
V
OS DRIFT PRODUCTION DISTRIBUTION
Voltage Offset Drift (
µV/°C)
30
25
20
15
10
5
0
SMALL SIGNAL STEP RESPONSE
(G = +1V/V, R
L = 10kΩ, CL = 15pF)
100ns/div
SMALL SIGNAL STEP RESPONSE
(G = –1V/V, R
F = 100kΩ, CF = 1pF, RL = 10kΩ, CL = 15pF)
1
µs/div
NOTE: C
F is used to optimize settling time.
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.


Similar Part No. - OPA2743PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2743PA BURR-BROWN-OPA2743PA Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2743PA TI1-OPA2743PA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2743PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com