Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA842IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA842IDBVR
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA842IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA842IDBVR Datasheet HTML 3Page - Texas Instruments OPA842IDBVR Datasheet HTML 4Page - Texas Instruments OPA842IDBVR Datasheet HTML 5Page - Texas Instruments OPA842IDBVR Datasheet HTML 6Page - Texas Instruments OPA842IDBVR Datasheet HTML 7Page - Texas Instruments OPA842IDBVR Datasheet HTML 8Page - Texas Instruments OPA842IDBVR Datasheet HTML 9Page - Texas Instruments OPA842IDBVR Datasheet HTML 10Page - Texas Instruments OPA842IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Frequency (MHz)
20
15
10
25
30
35
40
45
50
5
402W
402W
OPA842
50W
50W
50W
P
I
P
O
50
45
40
35
30
25
20
Frequency (Hz)
Current Noise
Voltage Noise
2.7pA/ Hz
Ö
2.6nV/ Hz
Ö
100
10
1
10
3
10
4
10
5
10
6
10
7
10
2
Capacitive Load (pF)
1
10
100
1k
100
10
1
Frequency (MHz)
10
100
500
C = 10pF
C = 22pF
C = 47pF
C = 100pF
R
S
50W
1kW
V
I
V
O
C
L
402W
402W
OPA842
3
0
3
6
9
12
15
18
-
-
-
-
-
-
200
100
0
100
200
-
-
1.2
0.8
0.4
0
0.4
0.8
1.2
-
-
-
Time (2ns/div)
Right Scale
Large Signal 1V
Small Signal
Left Scale
Frequency (MHz)
0
25
50
200
75
100
125
150
175
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-
-
-
-
-
-
V = 0.1V
R = 25
R = 100
O
PP
F
L
W
W
OPA842
www.ti.com
SBOS267D – NOVEMBER 2002 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
TWO
−TONE, THIRD−ORDER
INPUT VOLTAGE AND CURRENT NOISE
INTERMODULATION INTERCEPT
Figure 13.
Figure 14.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 15.
Figure 16.
GAIN = +1 FLATNESS
PULSE RESPONSE G = +1
Figure 17.
Figure 18.
Copyright © 2002–2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA842


Similar Part No. - OPA842IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDBVR TI-OPA842IDBVR Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA842IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com