Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA842IDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA842IDRG4
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA842IDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA842IDRG4 Datasheet HTML 6Page - Texas Instruments OPA842IDRG4 Datasheet HTML 7Page - Texas Instruments OPA842IDRG4 Datasheet HTML 8Page - Texas Instruments OPA842IDRG4 Datasheet HTML 9Page - Texas Instruments OPA842IDRG4 Datasheet HTML 10Page - Texas Instruments OPA842IDRG4 Datasheet HTML 11Page - Texas Instruments OPA842IDRG4 Datasheet HTML 12Page - Texas Instruments OPA842IDRG4 Datasheet HTML 13Page - Texas Instruments OPA842IDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Frequency (MHz)
1
10
100
500
3
0
3
6
9
12
15
18
-
-
-
-
-
-
G = 2
D
G = 1
D
G = 5
D
G = 10
D
+5V
+5V
-5V
-5V
402W
402W
402W
R
G
R
G
R
L
R
G
V
I
V
O
OPA842
OPA842
G =
D
200
150
100
250
300
350
400
450
500
50
-
-
-
-
-
85
90
95
100
105
110
-
2nd Harmonic
3rd Harmonic
G = 2
f = 5MHz
V = 4V
O
PP
Load Resistance ( )
W
Frequency (MHz)
10
100
500
9
6
3
0
3
6
9
12
-
-
-
-
G = 2
D
R = 400
L
W
0.2V
1V
2V
PP
PP
PP
5V
PP
8V
PP
Frequency (MHz)
-
-
-
-
-
60
70
80
90
100
110
-
1
10
100
R = 400
L
W
D
V = 4V
G = +2
O
PP
2nd Harmonic
3rd Harmonic
1
10
2nd Harmonic
3rd Harmonic
-
-
-
-
-
-
-
80
85
90
95
100
105
110
115
-
R = 400
L
W
G = +2
f = 5MHz
D
Output Voltage Swing (V
)
PP
OPA842
SBOS267D – NOVEMBER 2002 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
FREQUENCY RESPONSE
Figure 31.
Figure 32.
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Figure 33.
Figure 34.
DIFFERENTIAL DISTORTION vs FREQUENCY
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 35.
Figure 36.
10
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA842


Similar Part No. - OPA842IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDR TI-OPA842IDR Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA842IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com