Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C008 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C008
Description  64K/128K x 8/9 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C008 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C008 Datasheet HTML 1Page - Cypress Semiconductor CY7C008 Datasheet HTML 2Page - Cypress Semiconductor CY7C008 Datasheet HTML 3Page - Cypress Semiconductor CY7C008 Datasheet HTML 4Page - Cypress Semiconductor CY7C008 Datasheet HTML 5Page - Cypress Semiconductor CY7C008 Datasheet HTML 6Page - Cypress Semiconductor CY7C008 Datasheet HTML 7Page - Cypress Semiconductor CY7C008 Datasheet HTML 8Page - Cypress Semiconductor CY7C008 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY7C008/009
CY7C018/019
Document #: 38-06041 Rev. *C
Page 3 of 19
Pin Configurations (continued)
Note:
6.
This pin is NC for CY7C018.
Selection Guide
CY7C008/009
CY7C018/019
-12[1]
CY7C008/009
CY7C018/019
-15
CY7C008/009
CY7C018/019
-20
Maximum Access Time (ns)
12
15
20
Typical Operating Current (mA)
195
190
180
Typical Standby Current for ISB1 (mA) (Both ports TTL level)
55
50
45
Typical Standby Current for ISB3 (mA) (Both ports CMOS level)
0.05
0.05
0.05
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
A15R
A12R
A14R
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
SEMR
R/WR
OER
GND
GND
NC
A16R
58
57
56
55
54
53
52
51
CY7C018 (64K x 9)
NC
NC
A7L
A8L
A9L
A10L
A15L
A12L
A14L
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
SEML
R/WL
OEL
GND
NC
NC
A16L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C019 (128K x 9)
100-Pin TQFP
(Top View)
[6]
[6]


Similar Part No. - CY7C008

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008-12AC CYPRESS-CY7C008-12AC Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008-15AC CYPRESS-CY7C008-15AC Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008-15AXC CYPRESS-CY7C008-15AXC Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008-20AC CYPRESS-CY7C008-20AC Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C008

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
   HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com