Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS20M Datasheet(PDF) 1 Page - Bi technologies

Part # PS20M
Description  Slide Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

PS20M Datasheet(HTML) 1 Page - Bi technologies

  PS20M Datasheet HTML 1Page - Bi technologies PS20M Datasheet HTML 2Page - Bi technologies PS20M Datasheet HTML 3Page - Bi technologies PS20M Datasheet HTML 4Page - Bi technologies PS20M Datasheet HTML 5Page - Bi technologies PS20M Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Model PSxxM
/PSxxL
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 19, 2012
page 1 of 6
BI technologies
Slide Potentiometer
Molded Element
100,000 Cycle Life
Metal or Plastic Shaft Options
With/Without LED Illumination
With/Without Dust Cover
RoHS Compliant
MODEL STYLE
Dual Gang Without LED
PSxxM
Single Gang With LED
PSxxL
ELECTRICAL1
Resistance Range, Ohms
500 -1M
Standard Resistance Tolerance
 20%
Resistance Tapers
A,B,C
Residual Resistance
Terminals 1 to 2:Less than 10 ohms
Terminals 2 to 3:Less than 30 ohms
Input Voltage, Maximum
Linear B taper: 200 Vac
Other tapers: 150 Vac
Power rating, Watts (Single Unit
/ Dual Unit)
Linear B taper: 20mm: 0.1W / 0.05W, 30mm: 0.2W / 0.1W
45mm: 0.25W / 0.125W, 60mm:0.2W / 0.2W
Other tapers: 20mm: 0.05W / 0.025W, 30mm: 0.1W / 0.05W
45mm: 0.125W / 0.06W, 60mm:0.1W / 0.1W
Dielectric Strength
300Vac, 1 minute
Insulation Resistance, Minimum
10M ohms at 250Vdc/ 1 minute
Sliding Noise
Less than 100mV
Gang Error
±3dB (-40dB to 0dB)
MECHANICAL
Static Stop Strength, Minimum
5.0 Kgf/cm
Operating Force
10gf to 100gf
Detent Slip-out force
30gf to 200gf
DURABILITY
Sliding Life
100,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - PS20M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PS20M100SFP STMICROELECTRONICS-PS20M100SFP Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
PS20M100SG STMICROELECTRONICS-PS20M100SG Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
PS20M100SR STMICROELECTRONICS-PS20M100SR Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
PS20M100ST STMICROELECTRONICS-PS20M100ST Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
More results

Similar Description - PS20M

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
   Open Frame Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
PTS BOURNS-PTS Datasheet
459Kb / 6P
   High Grade Slide Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com