Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54302DDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54302DDCR
Description  TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54302DDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54302DDCR Datasheet HTML 5Page - Texas Instruments TPS54302DDCR Datasheet HTML 6Page - Texas Instruments TPS54302DDCR Datasheet HTML 7Page - Texas Instruments TPS54302DDCR Datasheet HTML 8Page - Texas Instruments TPS54302DDCR Datasheet HTML 9Page - Texas Instruments TPS54302DDCR Datasheet HTML 10Page - Texas Instruments TPS54302DDCR Datasheet HTML 11Page - Texas Instruments TPS54302DDCR Datasheet HTML 12Page - Texas Instruments TPS54302DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
TPS54302
www.ti.com
SLVSDG6A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TPS54302
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed-Frequency PWM Control
The device uses a fixed-frequency, peak current-mode control. The output voltage is compared through external
resistors on the FB pin to an internal voltage reference by an error amplifier. An internal oscillator initiates the
turn on of the high-side power switch. The error amplifier output is compared to the current of the high-side
power switch. When the power-switch current reaches the error amplifier output voltage level, the high side
power switch is turned off and the low-side power switch is turned on. The error amplifier output voltage
increases and decreases as the output current increases and decreases. The device implements a current-limit
by clamping the error amplifier voltage to a maximum level and also implements a minimum clamp for improved
transient-response performance.
7.3.2 Pulse Skip Mode
The TPS54302 is designed to operate in pulse skipping mode at light load currents to boost light load efficiency.
When the peak inductor current is lower than 500 mA typically, the device enters pulse skipping mode. When the
device is in pulse skipping mode, the error amplifier output voltage is clamped which prevents the high side
integrated MOSFET from switching. The peak inductor current must rise above 500 mA and exit pulse skip
mode. Since the integrated current comparator catches the peak inductor current only, the average load current
entering pulse skipping mode varies with the applications and external output filters.
7.3.3 Error Amplifier
The device has a trans-conductance amplifier as the error amplifier. The error amplifier compares the FB voltage
to the lower of the internal soft-start voltage or the internal 0.596-V voltage reference. The transconductance of
the error amplifier is 240 µA/V typically. The frequency compensation components are placed internal between
the output of the error amplifier and ground.
7.3.4 Slope Compensation and Output Current
The device adds a compensating ramp to the signal of the switch current. This slope compensation prevents
sub-harmonic oscillations as the duty cycle increases. The available peak inductor current remains constant over
the full duty-cycle range.
7.3.5 Enable and Adjusting Undervoltage Lockout
The EN pin provides electrical on and off control of the device. When the EN pin voltage exceeds the threshold
voltage, the device begins operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters the low-quiescent (IQ) state.
The EN pin has an internal pullup-current source which allows the user to float the EN pin to enable the device. If
an application requires control of the EN pin, use open-drain or open-collector output logic to interface with the
pin.
The device implements internal undervoltage-lockout (UVLO) circuitry on the VIN pin. The device is disabled
when the VIN pin voltage falls below the internal VIN UVLO threshold. The internal VIN UVLO threshold has a
hysteresis of 480 mV.
If an application requires a higher UVLO threshold on the VIN pin, then the EN pin can be configured as shown
in Figure 13. When using the external UVLO function, setting the hysteresis at a value greater than 500 mV is
recommended.
The EN pin has a small pull-up current, Ip, which sets the default state of the pin to enable when no external
components are connected. The pull-up current is also used to control the voltage hysteresis for the UVLO
function because it increases by Ih when the EN pin crosses the enable threshold. Use Equation 1 and
Equation 2 to calculate the values of R4 and R5 for a specified UVLO threshold.


Similar Part No. - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5430 TI-TPS5430 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5430 TI-TPS5430 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54308 TI1-TPS54308 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 3-A Output, Synchronous 350-kHz FCCM Step-Down Converter in SOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com