Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54302DDCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54302DDCR
Description  TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54302DDCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54302DDCR Datasheet HTML 6Page - Texas Instruments TPS54302DDCR Datasheet HTML 7Page - Texas Instruments TPS54302DDCR Datasheet HTML 8Page - Texas Instruments TPS54302DDCR Datasheet HTML 9Page - Texas Instruments TPS54302DDCR Datasheet HTML 10Page - Texas Instruments TPS54302DDCR Datasheet HTML 11Page - Texas Instruments TPS54302DDCR Datasheet HTML 12Page - Texas Instruments TPS54302DDCR Datasheet HTML 13Page - Texas Instruments TPS54302DDCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
out
ref
R2
V
V
1
R3
é
ù
=
´
+
ê
ú
ë
û
(
)
ENfalling
STOP
ENfalling
p
h
R4 V
R5
V
V
R4 I
I
´
=
-
+
+
ENfalling
START
STOP
ENri sin g
ENfalling
p
h
ENri sin g
V
V
V
V
R4
V
I
1
I
V
æ
ö
-
ç
÷
ç
÷
è
ø
=
æ
ö
-
+
ç
÷
ç
÷
è
ø
EN
Ip
Ih
R4
R5
VIN
Device
10
TPS54302
SLVSDG6A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS54302
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Adjustable VIN Undervoltage Lockout
(1)
Where:
Ip = 0.7 µA
Ih = 1.55 µA
VENfalling = 1.19 V
VENrising = 1.22 V
(2)
7.3.6 Safe Startup into Pre-Biased Outputs
The device has been designed to prevent the low-side MOSFET from discharging a pre-biased output. During
monotonic pre-biased startup, both high-side and low-side MOSFETs are not allowed to be turned on until the
internal soft-start voltage is higher than FB pin voltage.
7.3.7 Voltage Reference
The voltage reference system produces a precise ±2.5% voltage-reference over temperature by scaling the
output of a temperature stable bandgap circuit. The typical voltage reference is designed at 0.596 V.
7.3.8 Adjusting Output Voltage
The output voltage is set with a resistor divider from the output node to the FB pin. It is recommended to use
divider resistors with 1% tolerance or better. Start with 100 k
Ω for the upper resistor divider, use Equation 3 to
calculate the output voltage. To improve efficiency at light loads consider using larger value resistors. If the
values are too high the regulator is more susceptible to noise and voltage errors from the FB input current are
noticeable.
(3)
7.3.9 Internal Soft-Start
The TPS54302 device uses the internal soft-start function. The internal soft start time is set to 5 ms typically.


Similar Part No. - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5430 TI-TPS5430 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5430 TI-TPS5430 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS54302DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54308 TI1-TPS54308 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 3-A Output, Synchronous 350-kHz FCCM Step-Down Converter in SOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com