Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM77-30001LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM77-30001LF
Description  Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM77-30001LF Datasheet(HTML) 1 Page - Bi technologies

  HM77-30001LF Datasheet HTML 1Page - Bi technologies HM77-30001LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
106
Operating Values
Control Values (3)
Part
L DC
I DC
ETop
Case
L w/o DC
DC
DC
Number
µH (1)
Amps
V-µS (2)
Size
L o
Resistance
Resistance
µH ± 20%
mW, Nom.
mW Max.
HM77 - 10001LF
1.01
3.40
0.532
1
1.10
11.00
12.5
HM77 - 20001LF
6.20
1.40
1.33
1
7.00
60.30
70
HM77 - 30001LF
17.6
1.00
2.40
1
22.7
109.00
125
HM77 - 40002LF
3.80
4.80
1.76
2
5.20
17.0
19.1
HM77 - 50002LF
9.40
2.80
2.70
2
12.3
37.80
43.4
HM77 - 60002LF
29.7
1.40
4.60
2
35.3
141.00
166
HM77 - 70002LF
114
0.94
10
2
167
330.00
380
HM77 - 80003LF
2.50
8.00
1.77
3
3.80
7.20
8.30
HM77 - 90003LF
5.10
5.40
2.51
3
7.50
14.30
17.7
HM77 - 10003LF
16.2
2.70
4.29
3
21.9
54.70
63
HM77 - 11003LF
58.1
1.30
7.83
3
73
233.00
290
HM77 - 12003LF
192
0.90
15.7
3
292
472.00
560
HM77 - 13003LF
383
0.72
23.5
3
672
750.00
862
HM77 - 14004LF
0.91
13.3
1.035
4
1.25
4.56
5.70
HM77 - 15004LF
1.32
11.5
1.33
4
2.10
4.56
5.70
HM77 - 16004LF
4.90
7.80
3.04
4
7.90
10.50
12.4
HM77 - 17004
LF
9.00
5.50
4.06
4
14
19.30
22.3
HM77 - 18004LF
29.1
2.70
6.90
4
40.5
75.80
85
HM77 - 19004LF
645
0.74
36.5
4
1134
1040
1250
HM77 - 30004LF
33
3.0
9.50
4
48
48.5
59
HM77 - 20005LF
1.75
10.9
1.83
5
2.80
5.68
6.90
HM77 - 21005LF
2.50
11.4
2.23
5
4.20
6.19
7.50
HM77 - 22006LF
2.03
13
3.30
6
2.70
5.60
6.80
HM77 - 23006LF
3.50
12.4
3.13
6
6.50
7.54
8.7
HM77 - 24006LF
4.70
10.4
3.58
6
8.40
8.30
10.0
HM77 - 25006LF
9.30
7.20
4.92
6
16
20.05
23.0
HM77 - 26006LF
16.1
5.10
6.27
6
25.9
30.3
32
HM77 - 27006LF
50
2.60
10.5
6
72.9
115
130
HM77 - 28006LF
1070
0.710
54.4
6
1950
1480
1700
HM77 - 29006LF
68
3.00
9.50
6
122
85
102
HM77 - 31007ALF
2.5
11.4
2.23
7
4.20
5.20
6.20
HM77 - 32007ALF
1.68
13.9
1.83
7
2.80
3.60
4.0
Notes: (1) Inductance values are rated at -40°C to +130°C operating temperature range with rated DC current flowing and the operating ETop across the inductor.
(2) ETop is rated at 500 kHz.
(3) The control values of inductance are measured at the operating flux density equal or less than 10 gauss and without DC current.
Specifications
• Operating Temperature Range
-40°C to +130°C
• Ambient Temperature, Maximum
80°C
• InsulationSystem
ClassB,130°C
• TemperatureRise,Maximum
50°C
• OperatingFrequency
Upto400kHz
HM77
Electrical / Environmental
LowProfileSurfaceMountInductors
RoHS
Compliant
Schematic
Low Profile Surface
Mount Inductors
Model HM77
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +130°C
Operating Frequency Up to 400kHz
RoHS Compliant
Specifications
Schematic
Part Number
Operating Values
Control Values(3)
L
DC
μH (1)
I
DC
Amps
ET
op
V-μS (2)
Case
Size
L w/o DC
L
o
μH ± 20%
DC
Resistance
mΩ, Nom.
DC
Resistance
mΩ, Max.
HM77- 10001LF
1.01
3.40
0.532
1
1.1
11.00
12.5
HM77- 20001LF
6.20
1.40
1.33
1
7.00
60.30
70
HM77- 30001LF
17.6
1.00
2.40
1
22.7
109.00
125
HM77- 40002LF
3.80
4.80
1.76
2
5.20
17.0
19.1
HM77- 50002LF
9.40
2.80
2.70
2
12.3
37.80
43.4
HM77- 60002LF
29.7
1.40
4.6
2
35.3
141.00
166
HM77- 70002LF
114
0.94
10
2
167
330.00
380
HM77- 80003LF
2.50
8.00
1.77
3
3.80
7.20
8.3
HM77- 90003LF
5.10
5.40
2.51
3
7.50
14.30
17.7
HM77- 10003LF
16.2
2.70
4.29
3
21.9
54.70
63
HM77- 11003LF
58.1
1.30
7.83
3
73
233.00
290
HM77- 12003LF
192
0.90
15.7
3
292
472.00
560
HM77- 13003LF
383
0.72
23.5
3
672
750.00
862
HM77- 14004LF
0.91
13.3
1.035
4
1.25
4.56
5.70
HM77- 15004LF
1.32
11.5
1.33
4
2.10
4.56
5.70
HM77- 16004LF
4.90
7.80
3.04
4
7.90
10.50
12.4
HM77- 17004LF
9.00
5.50
4.06
4
14
19.30
22.3
HM77- 18004LF
29.1
2.70
6.90
4
40.5
75.8
85
HM77- 19004LF
645
0.74
36.5
4
1134
1040
1250
HM77- 30004LF
33
3.00
9.50
4
48
48.5
59
HM77- 20005LF
1.75
10.9
1.83
5
2.80
5.68
6.90
HM77- 21005LF
2.50
11.4
2.23
5
4.20
6.19
7.50
HM77- 22006LF
2.03
13
3.30
6
2.70
5.60
6.80
HM77- 23006LF
3.50
12.4
3.13
6
6.50
7.54
8.7
HM77- 24006LF
4.70
10.4
3.58
6
8.40
8.30
10.0
HM77- 25006LF
9.30
7.20
4.92
6
16
20.05
23.0
HM77- 26006LF
16.1
5.10
6.27
6
25.9
30.30
32
HM77- 27006LF
50
2.60
10.5
6
72.90
115
130
HM77- 28006LF
1070
0.71
54.4
6
1950
1480
1700
HM77- 29006LF
68
3.00
9.50
6
122
85
102
HM77- 31007ALF
2.5
11.4
2.23
7
4.20
5.20
6.20
HM77- 32007ALF
1.68
13.9
1.83
7
2.80
3.60
4.0
Notes:
(1) Inductance values are rated at -40°C to +130°C operating temperature range with rated DC current flowing and the operating ETop across the inductor.
(2) ETop is rated at 500 kHz.
(3) The control values of inductance are measured at the operating flux density equal or less than 10 gauss and without DC current.
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM77-30001LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77-30001LF BITECH-HM77-30001LF Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77-30001LF TTELEC-HM77-30001LF Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
More results

Similar Description - HM77-30001LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com