Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM78-10270LF Datasheet(PDF) 3 Page - Bi technologies

Part # HM78-10270LF
Description  Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM78-10270LF Datasheet(HTML) 3 Page - Bi technologies

  HM78-10270LF Datasheet HTML 1Page - Bi technologies HM78-10270LF Datasheet HTML 2Page - Bi technologies HM78-10270LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Case size
Fig.
A
B
C
D
E
F
G
H
I
J
10
1
.291
7.40
.291
7.40
.150
3.80
.079
2.00
.035
0.85
.220
5.60
.256
6.50
.118
3.00
.075
1.91
-
20
1
.291
7.40
.291
7.40
.205
5.20
.079
2.00
.035
0.85
.220
5.60
.256
6.50
.118
3.00
.075
1.91
-
30
2
.295
7.50
.295
7.50
.138
3.50
.079
2.00
.043
1.10
.200
5.08
.248
6.30
.118
3.00
.075
1.91
.177
4.50
40
2
.295
7.50
.295
7.50
.177
4.50
.079
2.00
.043
1.10
.200
5.08
.248
6.30
.118
3.00
.075
1.91
.177
4.50
45
3
.492
12.5
.492
12.5
.177
4.50
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
50
3
.492
12.5
.492
12.5
.244
6.20
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
60
3
.492
12.5
.492
12.5
.315
8.00
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
110
Outline Dimensions (Inch/mm)
Ordering Information
Inductance Code:
First2digitsaresignificant.Lastdigitdenotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Model Series
Case Size/Body Style:
10 (Figure 1)
45 (Figure 3)
20 (Figure 1)
50 (Figure 3)
30 (Figure 2)
60 (Figure 3)
40 (Figure 2)
Tape & Reel Packing
Lead-Free
HM78 - 20 100 LF TR
Case size Figure
A
B
C
D
E
F
G
H
I
J
1
1
2
2
3
3
3
.291
7.40
.291
7.40
.295
7.50
.295
7.50
.492
12.5
.492
12.5
.492
12.5
.291
7.40
.291
7.40
.295
7.50
.295
7.50
.492
12.5
.492
12.5
.492
12.5
.150
3.80
.205
5.20
.138
3.50
.177
4.50
.177
4.50
.244
6.20
.315
8.00
.079
2.00
.079
2.00
.079
2.00
.079
2.00
.197
5.00
.197
5.00
.197
5.00
.035
0.85
.035
0.85
.043
1.10
.043
1.10
.079
2.00
.079
2.00
.079
2.00
.220
5.60
.220
5.60
.200
5.08
.200
5.08
.299
7.60
.299
7.60
.299
7.60
.256
6.50
.256
6.50
.248
6.30
.248
6.30
.394
10.0
.394
10.0
.394
10.0
.118
3.00
.118
3.00
.118
3.00
.118
3.00
.236
6.00
.236
6.00
.236
6.00
.075
1.91
_
.075
1.91
_
.075
1.91
.075
1.91
.118
3.0
.118
3.0
.118
3.0
.177
4.50
.177
4.50
.276
7.00
.276
7.00
.276
7.00
10
20
30
40
45
50
60
Shielded Surface
Mount Inductors
MODEL HM78
Make Possible
OutlineDimensions(Inch/mm)
OrderingInformation
HM78 - 20 100 LF TR
Model Series
Case Size/Body Style:
10 (Figure 1) 45 (Figure 3)
20 (Figure 1) 50 (Figure 3)
30 (Figure 2) 60 (Figure 3)
40 (Figure 2)
Tape & Reel Packing
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM78-10270LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78-10270LF BITECH-HM78-10270LF Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78-10270LF TTELEC-HM78-10270LF Datasheet
690Kb / 3P
   Shielded Surface Mount Inductors
More results

Similar Description - HM78-10270LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com