Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM67-3216-102LF Datasheet(PDF) 4 Page - Bi technologies

Part # HM67-3216-102LF
Description  Surface Mount Common Mode Chokes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM67-3216-102LF Datasheet(HTML) 4 Page - Bi technologies

  HM67-3216-102LF Datasheet HTML 1Page - Bi technologies HM67-3216-102LF Datasheet HTML 2Page - Bi technologies HM67-3216-102LF Datasheet HTML 3Page - Bi technologies HM67-3216-102LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount
Common Mode Chokes
Model HM67-3216 Series
Make Possible
ElectricalCharacteristics@25°C(Continued)
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
OrderingInformation
HM67 - 3216 - 900 LF TR7
Model Series
Size
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
TR - Tape & Reel Packing
7 - 7” reel
Lead Free
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
78
Ordering Information
Inductance Code:
First2digitsaresignificant.
Last digit denotes the number of trailing zeros.
Size
Model Series
TR - Tape & Reel Packing
7 - 7” reel
Lead-Free
HM67 - 3216 - 900 LF TR7
Electrical Characteristics @ 25°C (Cont’d)
HM67-3216-601LF (Common Mode)
(B) Insertion Loss vs. Frequency Graphs (Cont’d)
HM67-3216-102LF (Common Mode)
HM67-3216-222LF (Common Mode)
HM67-3216-601LF (Differential Mode)
HM67-3216-102LF (Differential Mode)
HM67-3216-222LF (Differential Mode)


Similar Part No. - HM67-3216-102LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM67-10510 ETC1-HM67-10510 Datasheet
699Kb / 5P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67-10510LF BITECH-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
List of Unclassifed Man...
HM67-10510LF ETC2-HM67-10510LF Datasheet
2Mb / 5P
   Operating Temperature Range
logo
Bi technologies
HM67-10510LF BITECH-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM67-10510LF TTELEC-HM67-10510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM67-3216-102LF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com