Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM86-20620LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM86-20620LF
Description  Magnetics Surface Mount Common Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM86-20620LF Datasheet(HTML) 1 Page - Bi technologies

  HM86-20620LF Datasheet HTML 1Page - Bi technologies HM86-20620LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
OperatingTemperatureRange-40°Cto+125°C
AmbientTemperature,Maximum+85°C
TemperatureRise,Maximum40°C
RoHSCompliant
Surface Mount
Common Mode Chokes
MODEL HM86
Make Possible
Magnetics
Schematics
Specifications@25°C
Part Number
Inductance
(1-2 or 4-3)
μH
±30%
Rated
Current
(Max.)
Amps
DC
Resistance
(1-2 or 4-3)
mΩ Typ.
Leakage
Inductance
(μH)
Max.
Interwinding
Capacitance
pF
Typ.
Figure
Height
mm
Max.
HM86-10025LF
25.0
5.35
3.10
0.22
2.00
1
5.2
HM86-10040LF
40.0
4.40
3.89
0.34
2.30
1
5.2
HM86-10070LF
70.0
3.60
5.35
0.47
2.50
1
5.2
HM86-10095LF
95.0
2.80
7.97
0.80
2.80
1
5.2
HM86-10150LF
150.0
2.30
16.85
1.25
3.10
1
5.2
HM86-10275LF
275.0
1.85
34.53
1.75
3.40
1
5.2
HM86-10320LF
320.0
1.60
39.72
2.00
3.60
1
5.2
HM86-10400LF
400.0
1.35
42.73
2.60
3.90
1
5.2
HM86-10500LF
500.0
1.10
57.43
3.30
4.10
1
5.2
HM86-10620LF
620.0
0.94
73.72
4.00
4.30
1
5.2
HM86-10750LF
750.0
0.80
98.34
5.00
4.60
1
5.2
HM86-11100LF
1100.0
0.67
161.2
6.30
4.90
1
5.2
HM86-11300LF
1300.0
0.58
245.5
7.30
5.10
1
5.2
HM86-11600LF
1600.0
0.50
350.5
9.00
5.40
1
5.2
HM86-20035LF
34.9
5.70
4.63
0.31
2.80
2
6.0
HM86-20050LF
50.0
5.10
5.12
0.46
3.05
2
6.0
HM86-20075LF
75.0
4.75
6.52
0.64
3.30
2
6.0
HM86-20105LF
105.0
3.95
7.92
0.85
3.50
2
6.0
HM86-20175LF
175.0
3.10
15.9
1.30
3.70
2
6.0
HM86-20260LF
260.0
2.85
19.5
1.90
3.90
2
6.0
HM86-20310LF
310.0
2.45
25.3
2.20
4.15
2
6.0
HM86-20420LF
420.0
2.00
36.8
3.00
4.40
2
6.0
HM86-20480LF
480.0
1.70
50.2
3.30
4.65
2
6.0
HM86-20620LF
620.0
1.45
62.1
4.20
4.85
2
6.0
HM86-20780LF
780.0
1.20
92.3
5.10
5.10
2
6.0
HM86-20950LF
950.0
1.05
132.1
6.10
5.35
2
6.0
HM86-21250LF
1250.0
0.88
192.2
7.80
5.55
2
6.0
HM86-21600LF
1600.0
0.75
286.5
9.60
5.80
2
6.0
Notes:
(1) Inductance, leakage inductance and interwinding capacitance are measured at 100kHz, 0.1Vrms.
(2)
Leakage inductance is measured at pin-1-2 with N2 (pin 4-3) winding shorted.
(3)
It is recommended that the temperature of the component (ambient plus temperature rise) does not exceed 125°C under worst
case operating conditions.
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM86-20620LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM86-20620LF TTELEC-HM86-20620LF Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM86-20620LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM85 BITECH-HM85 Datasheet
279Kb / 2P
   Magnetics Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com