Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4351M96E4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC4351M96E4
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4351M96E4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4351M96E4 Datasheet HTML 2Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 3Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 4Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 5Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 6Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 7Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 8Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 9Page - Texas Instruments CD74HC4351M96E4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
HCT TYPES
High Level Input
Voltage
VIH
-
-
-
4.5 to
5.5
2-
-2-2-
V
Low Level Input
Voltage
VIL
-
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
“ON” Resistance
IO = 1mA
Figure 9
RON
VIH or
VIL
VCC or VEE
0
4.5
-
70
160
-
200
-
240
-4.5
4.5
-
40
120
-
150
-
180
VCC to VEE
0
4.5
-
90
180
-
225
-
270
-4.5
4.5
-
45
130
-
162
-
195
Maximum “ON”
Resistance Between
Any Two Channels
∆RON
-
-
0
4.5
-
10
-----
-4.5
4.5
-
5
-----
Switch On/Off
Leakage Current
4 Channels (4352)
IIZ
VIH or
VIL
For Switch
OFF:
When
VIS = VCC
VOS =VEE;
When
VIS = VEE,
VOS = VCC
For Switch
ON:
All
Applicable
Combina-
tions of VIS
and VOS
Voltage
Levels
06
-
-
±0.1
-
±1-
±1
µA
-5
5
-
-
±0.2
-
±2-
±2
µA
Switch On/Off
Leakage Current
8 Channels (4351)
06
-
-
±0.2
-
±2-
±2
µA
-5
5
-
-
±0.4
-
±4-
±4
µA
Control Input Leakage
Current
II
VCC or
GND
-
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
IO = 0
ICC
Any
Voltage
Be-
tween
VCC
and
GND
When
VIS = VEE,
VOS =VCC,
When
VIS = VCC,
VOS = VEE
0
5.5
-
-
8
-
80
-
160
µA
-4.5
5.5
-
-
16
-
160
-
320
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 5)
VCC
-2.1
-
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
5. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
HCT Input Loading Table
TYPE
INPUT
UNIT LOADS
All
E1, E2, Sn
0.5
(4351, 4352)
LE
1.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
VIS (V)
VEE
(V)
VCC
(V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352


Similar Part No. - CD74HC4351M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Similar Description - CD74HC4351M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com