Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM76-20151JLF Datasheet(PDF) 3 Page - Bi technologies

Part # HM76-20151JLF
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM76-20151JLF Datasheet(HTML) 3 Page - Bi technologies

  HM76-20151JLF Datasheet HTML 1Page - Bi technologies HM76-20151JLF Datasheet HTML 2Page - Bi technologies HM76-20151JLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Case Size Figure
A
B
C
D
E
F
G
H
I
K
10
1
.280
.188
.127
.218 .059
.10
-
.067 .051
-
7.30
4.78
3.23
5.54 1.50 2.54
1.70 1.30
20
3
.508
.370
.137
.402 .120 135
-
.102 .107
-
12.90 9.40
3.50 10.21 3.05 3.43
2.59 2.72
30
1
.530
.370
.232
.404 .120 .135
-
.102 .107
-
13.46 9.40
5.90 10.26 3.05 3.43
2.59 2.72
40
2
.634
.622
.292
.520 .157 .157 .466
-
-
.098
16.10 15.80 7.41 13.21 4.00 4.00 11.84
2.50
50
3
.746
.60
.284
.595 .145 .135
=
.102 .102
=
18.95 15.24 7.21 15.11 3.68 3.43
2.59 2.59
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
105
Packaging
Standard: EmbossedTapeandReel
Allunitsorientatedwithlead#1tothesamesideofsprockethole.
Reel: Diameter: Casesize10
=
7”(177.8mm)
AllOtherCaseSizes
=
13”(330.2mm)
Capacity: Casesize10
=
500Units
Casesize20
=
1,000Units
Casesize30
=
350Units
Casesize40
=
200Units
Casesize50
=
200Units
OrderingInformation
InductanceCode:
First2digitsaresignificant.Lastdigit
denotesthenumberoftrailingzeros.
ModelSeries
CaseSize:
10(Figure1) 40(Figure2)
20(Figure3) 50(Figure3)
30(Figure1)
TerminationType
HM76 - 20 100 J LF
TR13
OutlineDimensions(Inch/mm)
Figure 1
( Case Size: 10 & 30 )
Figure 2
( Case Size: 40 )
Figure 3
( Case Size: 20 & 50 )
Recommended Solder Pad Layouts
(1) For Case Size: 10, 20, 30 & 50
(2)ForCaseSize:40
Lead-Free
TR:Tape&Reel
Packing
7–7”reel
13–13”reel
Case size Figure
A
B
C
D
E
F
G
H
I
K
1
3
1
2
3
.280
7.30
.508
12.90
.530
13.46
.634
16.10
.746
18.95
.188
4.78
.370
9.40
.370
9.40
.622
15.80
.60
15.24
.127
3.23
.137
3.50
.232
5.90
.292
7.41
.284
7.21
.218
5.54
.402
10.21
.404
10.26
.520
13.21
.595
15.11
.059
1.50
.120
3.05
.120
3.05
.157
4.00
.145
3.68
.10
2.54
_
_
_
_
_
_
_
_
.135
3.43
.135
3.43
.157
4.00
.135
3.43
.466
11.84
.067
1.70
.102
2.59
.102
2.59
.102
2.59
.051
1.30
.107
2.72
.107
2.72
.103
2.62
.098
2.50
10
20
30
40
50
_
_
Drum Core, Space Efficient High Performance
Surface Mount Inductors
Model HM76
Make Possible
Outline Dimensions (Inch/mm)
HM76 - 20 100 J LF TR13
Model Series
Case Size:
10 (Figure 1) 40 (Figure 2)
20 (Figure 3) 50 (Figure 3)
30 (Figure 1)
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
TR: Tape & Reel
Packing
7 – 7” reel
13 – 13” reel
Lead-Free
Termination Type
Ordering Information
Packaging
Standard
Embossed Tape and Reel
All units orientated with lead #1 to the same side of sprocket hole.
Reel:
Diameter:
=
7” (177.8mm)
All Other Case Sizes
=
13” (330.2mm)
Capacity: Case size 10 =
500 units
Case size 20 =
1000 units
Case size 30 =
350 units
Case size 40 =
200 units
Case size 50 =
200 units
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM76-20151JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76-20151JLF BITECH-HM76-20151JLF Datasheet
326Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76-20151JLF TTELEC-HM76-20151JLF Datasheet
970Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
More results

Similar Description - HM76-20151JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76 BITECH-HM76 Datasheet
326Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Filtran LTD
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
List of Unclassifed Man...
DSS4832 ETC-DSS4832 Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com