Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA861
Description  Wide Bandwidth Operational Transconductance Amplifier (OTA)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA861 Datasheet(HTML) 4 Page - Texas Instruments

  OPA861_15 Datasheet HTML 1Page - Texas Instruments OPA861_15 Datasheet HTML 2Page - Texas Instruments OPA861_15 Datasheet HTML 3Page - Texas Instruments OPA861_15 Datasheet HTML 4Page - Texas Instruments OPA861_15 Datasheet HTML 5Page - Texas Instruments OPA861_15 Datasheet HTML 6Page - Texas Instruments OPA861_15 Datasheet HTML 7Page - Texas Instruments OPA861_15 Datasheet HTML 8Page - Texas Instruments OPA861_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OPA861
SBOS338G – AUGUST 2005 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
RL = 500Ω and RADJ = 250Ω, unless otherwise noted.
OPA861ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6.3
±6.3
±6.3
V
max
A
Minimum Operating Voltage
±2.0
±2.0
±2.0
V
min
B
Maximum Quiescent Current
RADJ = 250Ω
5.4
5.9
7.0
7.4
mA
max
A
Minimum Quiescent Current
RADJ = 250Ω
5.4
4.9
4.3
3.4
mA
min
A
OTA Power-Supply Rejection Ratio (+PSRR)
ΔIC/ΔVS
±20
±50
±60
±65
µA/V
max
A
THERMAL CHARACTERISTICS
Specification: ID, IDBV
–40 to +85
°C
typ
C
Thermal Resistance θ JA
D
SO-8
Junction-to-Ambient
+125
°C/W
typ
C
DBV
SOT23-6
Junction-to-Ambient
+150
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: OPA861


Similar Part No. - OPA861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861ID TI-OPA861ID Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDBVR TI-OPA861IDBVR Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDBVT TI-OPA861IDBVT Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861IDR TI-OPA861IDR Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results

Similar Description - OPA861_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com