Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY252 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BY252
Description  PLASTIC SILICON RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY252 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BY252 Datasheet HTML 1Page - Diode Semiconductor Korea BY252 Datasheet HTML 2Page - Diode Semiconductor Korea BY252 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
4
10
8
20
40 60 80 100
0
TJ=125℃
8.3ms Single Half
Sine-Wave
1 00
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
410
2
0
40
1
00
f=1MHz
TJ=25
T J=25
P ulse W idth=3 00uS
10
4
2
0.6
0.8
1.0
1.2
1.4
1.6
100
1.0
0.4
0.2
0.1
0.06
0.04
0.02
0.01
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
0
25
1
2
3
4
75
100
150
125
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 -- MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
BY251(Z)---BY255(Z)
FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL CURRENT DERATING CURVE
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BY252

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY252 PANJIT-BY252 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Memory Technolog...
BY252 TMT-BY252 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Diotec Semiconductor
BY252 DIOTEC-BY252 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY252 EIC-BY252 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
BY252 TRSYS-BY252 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY252

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com