Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA860IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA860IDR
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA860IDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA860IDR Datasheet HTML 1Page - Texas Instruments OPA860IDR Datasheet HTML 2Page - Texas Instruments OPA860IDR Datasheet HTML 3Page - Texas Instruments OPA860IDR Datasheet HTML 4Page - Texas Instruments OPA860IDR Datasheet HTML 5Page - Texas Instruments OPA860IDR Datasheet HTML 6Page - Texas Instruments OPA860IDR Datasheet HTML 7Page - Texas Instruments OPA860IDR Datasheet HTML 8Page - Texas Instruments OPA860IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
OTA FEATURES
DESCRIPTION
BUFFER FEATURES
OPA860 FEATURES
APPLICATIONS
OPA860
www.ti.com ....................................................................................................................................................... SBOS331C – JUNE 2005 – REVISED AUGUST 2008
Wide Bandwidth
OPERATIONAL TRANSCONDUCTANCE
AMPLIFIER (OTA) and BUFFER
2
• Wide Bandwidth (80MHz, Open-Loop, G = +5)
The OPA860 is a versatile monolithic component
designed for wide-bandwidth systems, including high
• High Slew Rate (900V/µs)
performance video, RF and IF circuitry. It includes a
• High Transconductance (95mA/V)
wideband,
bipolar
operational
transconductance
• External I
Q-Control
amplifier (OTA), and voltage buffer amplifier.
The OTA or voltage-controlled current source can be
viewed as an ideal transistor. Like a transistor, it has
• Closed-Loop Buffer
three terminals—a high impedance input (base), a
• Wide Bandwidth (1600MHz, V
O = 1VPP)
low-impedance input/output (emitter), and the current
• High Slew Rate (4000V/µs)
output (collector). The OTA, however, is self-biased
and bipolar. The output collector current is zero for a
• 60mA Output Current
zero base-emitter voltage. AC inputs centered about
zero produce an output current, which is bipolar and
centered about zero. The transconductance of the
• Low Quiescent Current (11.2mA)
OTA can be adjusted with an external resistor,
• Versatile Circuit Function
allowing bandwidth, quiescent current, and gain
trade-offs to be optimized.
Also included in the OPA860 is an uncommited
• Baseline Restore Circuits
closed-loop,
unity-gain
buffer.
This
provides
• Video/Broadcast Equipment
1600MHz bandwidth and 4000V/µs slew rate.
• Communications Equipment
Used as a
basic
building
block,
the
OPA860
• High-Speed Data Acquisition
simplifies the design of AGC amplifiers, LED driver
• Wideband LED Driver
circuits for fiber optic transmission, integrators for fast
pulses, fast control loop amplifiers and control
• AGC-Multiplier
amplifiers for capacitive sensors and active filters.
• ns-Pulse Integrator
The OPA860 is available in an SO-8 surface-mount
• Control Loop Amplifier
package.
• OPA660 Upgrade
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA860IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA860IDR BURR-BROWN-OPA860IDR Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results

Similar Description - OPA860IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com