Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C009-15AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C009-15AC
Description  64K/128K x 8/9 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C009-15AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C009-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C009-15AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CY7C008/009
CY7C018/019
Document #: 38-06041 Rev. *C
Page 6 of 19
AC Test Loads (Applicable to -12 only)[12]
Notes:
11. Tested initially and after any design or process changes that may affect these parameters.
12. Test conditions: C = 0 pF.
AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 893
5V
OUTPUT
R2 = 347
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 893
R2 = 347
5V
OUTPUT
C= 5 pF
RTH = 250Ω
(Used for tLZ, tHZ, tHZWE, & tLZWE
including scope and jig)
VTH =1.4V
OUTPUT
C
(a) Load 1 (-12 only)
R = 50
(b) Load Derating Curve
Capacitance (pF)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
5
10
15
20
25
30
Z0 = 50Ω


Similar Part No. - CY7C009-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C009-15AC CYPRESS-CY7C009-15AC Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C009-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
   HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com