Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS250ANT3 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AS250ANT3
Description  1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS250ANT3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AS250ANT3 Datasheet HTML 2Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 3Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 4Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 5Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 6Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 7Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 8Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 9Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54AS250A, SN74AS250A
1OF16 DATA GENERATORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SDAS137A − DECEMBER 1983 − REVISED DECEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN74AS250ANT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS250ANT3 TI-SN74AS250ANT3 Datasheet
399Kb / 13P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS250ANT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS250A TI-SN54AS250A Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI-SN54AS250A_07 Datasheet
399Kb / 13P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS250A TI1-SN74AS250A_V01 Datasheet
250Kb / 10P
[Old version datasheet]   1-OF-16 DATA GENERATIORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
2022
SN74ALS251DR TI-SN74ALS251DR Datasheet
840Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC251 RENESAS-HD74HC251 Datasheet
107Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F251B TI1-SN54F251B_08 Datasheet
114Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com