Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54372 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372
Description  3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54372 Datasheet HTML 3Page - Texas Instruments TPS54372 Datasheet HTML 4Page - Texas Instruments TPS54372 Datasheet HTML 5Page - Texas Instruments TPS54372 Datasheet HTML 6Page - Texas Instruments TPS54372 Datasheet HTML 7Page - Texas Instruments TPS54372 Datasheet HTML 8Page - Texas Instruments TPS54372 Datasheet HTML 9Page - Texas Instruments TPS54372 Datasheet HTML 10Page - Texas Instruments TPS54372 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0.889
−40
0
25
0.895
85
125
0.893
0.887
0.885
TJ − Junction Temperature − °C
0.891
0.8850
0.8870
0.8890
0.8910
0.8930
0.8950
3
4
5
6
f = 350 kHz
TA = 85°C
VI − Input Voltage − V
450
−40
0
25
550
750
85
125
650
350
250
TJ − Junction Temperature − °C
SYNC ≥ 2.5 V
SYNC ≤ 0.8 V
400
−40
0
25
500
800
85
125
700
300
200
TJ − Junction Temperature − °C
600
RT = 68 k
RT = 100 k
RT = 180 k
0
20
40
60
80
100
120
−40
0
25
85
125
IO = 3 A
VI = 3.3 V
TJ − Junction Temperature − °C
0
20
40
60
80
100
−40
0
25
85
125
IO = 3 A
VI = 5 V
TJ − Junction Temperature − °C
TPS54310
www.ti.com
SLVS412E – DECEMBER 2001 – REVISED DECEMBER 2014
7.7 Typical Characteristics
Figure 2. Drain-Source On-State Resistance vs Junction
Figure 1. Drain-Source On-State Resistance vs Junction
Temperature
Temperature
Figure 3. Internally Set Oscillator Frequency vs Junction
Figure 4. Externally Set Oscillator Frequency vs Junction
Temperature
Temperature
Figure 5. Voltage Reference vs Junction Temperature
Figure 6. Output Voltage Regulation vs Input Voltage
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54310


Similar Part No. - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54372 TI-TPS54372 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54372 TI-TPS54372 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54372 TI1-TPS54372 Datasheet
788Kb / 21P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com