Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54372 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372
Description  3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54372 Datasheet HTML 1Page - Texas Instruments TPS54372 Datasheet HTML 2Page - Texas Instruments TPS54372 Datasheet HTML 3Page - Texas Instruments TPS54372 Datasheet HTML 4Page - Texas Instruments TPS54372 Datasheet HTML 5Page - Texas Instruments TPS54372 Datasheet HTML 6Page - Texas Instruments TPS54372 Datasheet HTML 7Page - Texas Instruments TPS54372 Datasheet HTML 8Page - Texas Instruments TPS54372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Simplified Schematic
80
82
84
86
88
90
92
94
96
0
0.5
1
1.5
2
2.5
3
Load Current − A
TA = 25°C
VI = 5 V
VO = 3.3 V
VIN
PH
BOOT
PGND
VSENSE
Output
COMP
AGND
VBIAS
Input
TPS54310
Efficiency vs Load Current
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54310
SLVS412E – DECEMBER 2001 – REVISED DECEMBER 2014
3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
(SWIFT™)
1 Features
3 Description
As members of the SWIFT™ family of dc/dc
1
60-m
Ω MOSFET Switches for High Efficiency at
regulators, the TPS54310 low-input-voltage high-
3-A Continuous Output Source or Sink Current
output-current
synchronous-buck
PWM
converter
Adjustable Output Voltage Down to 0.9 V With 1%
integrates all required active components. Included
Accuracy
on the substrate with the listed features are a true,
high
performance,
voltage
error
amplifier
that
Externally Compensated for Design Flexibility
provides high performance under transient conditions;
Fast Transient Response
an undervoltage-lockout circuit to prevent start-up
Wide PWM Frequency: Fixed 350 kHz, 550 kHz,
until the input voltage reaches 3 V; an internally and
or Adjustable 280 kHz to 700 kHz
externally
set
slow-start
circuit
to
limit
in-rush
Load Protected by Peak Current Limit and
currents; and a power good output useful for
processor/logic reset, fault signaling, and supply
Thermal Shutdown
sequencing.
Integrated Solution Reduces Board Area and
Total Cost
The TPS54310 device is available in a thermally
enhanced
20-pin
HTSSOP
(PWP)
PowerPAD™
package,
which
eliminates
bulky
heatsinks.
TI
2 Applications
provides evaluation modules and the SWIFT designer
Low-Voltage, High-Density Systems With Power
software tool to aid in quickly achieving high-
Distributed at 5 V or 3.3 V
performance
power
supply
designs
to
meet
Point of Load Regulation for High
aggressive equipment development cycles.
Performance DSPs, FPGAs, ASICs, and
Device Information(1)
Microprocessors
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Broadband, Networking and Optical
HTSSOP
Communications Infrastructure
TPS54310
6.30 mm × 6.40 mm
PowerPAD (20)
Portable Computing/Notebook PCs
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54372 TI-TPS54372 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54372 TI-TPS54372 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54372 TI1-TPS54372 Datasheet
788Kb / 21P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com