Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C371I-110AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C371I-110AI
Description  UltraLogic 32-Macrocell Flash CPLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371I-110AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C371I-110AI Datasheet HTML 1Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 2Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 3Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 4Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 5Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 6Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 7Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 8Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
UltraLogic™ 32-Macrocell Flash CPLD
CY7C371i
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03032 Rev. *A
Revised April 19, 2004
Features
• 32 macrocells in two logic blocks
• 32 I/O pins
• Five dedicated inputs including two clock pins
• In-System Reprogrammable (ISR™) Flash technology
— JTAG interface
• Bus Hold capabilities on all I/Os and dedicated inputs
• No hidden delays
• High speed
— fMAX = 143 MHz
— tPD= 8.5 n3s
— tS = 5 ns
— tCO = 6 ns
• Fully PCI-compliant
• 3.3V or 5.0V I/O operation
• Available in 44-pin PLCC, and TQFP packages
• Pin-compatible with the CY7C372i
Functional Description
The CY7C371i is an In-System Reprogrammable Complex
Programmable Logic Device (CPLD) and is part of the
FLASH370i™ family of high-density, high-speed CPLDs. Like
all members of the FLASH370i family, the CY7C371i is
designed to bring the ease of use and high performance of the
22V10, as well as PCI Local Bus Specification support, to
high-density CPLDs.
Like all of the UltraLogic™ FLASH370i devices, the CY7C371i
is electrically erasable and In-System Reprogrammable (ISR),
which simplifies both design and manufacturing flows, thereby
reducing costs. The Cypress ISR function is implemented
through a JTAG serial interface. Data is shifted in and out
through the SDI and SDO pins. The ISR interface is enabled
using the programming voltage pin (ISREN). Additionally,
because of the superior routability of the FLASH370i devices,
ISR often allows users to change existing logic designs while
simultaneously fixing pinout assignments.
The 32 macrocells in the CY7C371i are divided between two
logic blocks. Each logic block includes 16 macrocells, a
72 x 86 product term array, and an intelligent product term
allocator.
The logic blocks in the FLASH370i architecture are connected
with an extremely fast and predictable routing resource—the
Programmable Interconnect Matrix (PIM). The PIM brings
flexibility, routability, speed, and a uniform delay to the inter-
connect.
Like all members of the FLASH370i family, the CY7C371i is rich
in I/O resources. Each macrocell in the device features an
associated I/O pin, resulting in 32 I/O pins on the CY7C371i.
In addition, there are three dedicated inputs and two
input/clock pins.
Selection Guide
7C371i-143 7C371i-110 7C371i-83 7C371iL-83 7C371i-66 7C371iL-66
Unit
Maximum Propagation Delay[1], tPD
8.5
10
12
12
15
15
ns
Minimum Set-up, tS
5
6
8
8
10
10
ns
Maximum Clock to Output[1], tCO
6
6.5
8
8
10
10
ns
Typical Supply Current, ICC Comm./Ind.
75
75
75
45
75
45
mA
Note:
1. The 3.3V I/O mode timing adder, t3.3IO, must be added to this specification when VCCIO = 3.3V.
PIM
3
INPUT
MACROCELLS
2
Clock
Inputs
Inputs
LOGIC
BLOCK
A
LOGIC
BLOCK
B
2
2
36
16
16
36
16 I/Os
16 I/Os
16
16
INPUT/CLOCK
MACROCELLS
I/O0–I/O15
I/O16–I/O31
Logic Block Diagram


Similar Part No. - CY7C371I-110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110AC CYPRESS-CY7C371-110AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-110JC CYPRESS-CY7C371-110JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143AC CYPRESS-CY7C371-143AC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371-143JC CYPRESS-CY7C371-143JC Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371I-110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com