Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9675801QXA Datasheet(PDF) 6 Page - Texas Instruments

Part # 5962-9675801QXA
Description  Video Interface Palette
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9675801QXA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9675801QXA Datasheet HTML 2Page - Texas Instruments 5962-9675801QXA Datasheet HTML 3Page - Texas Instruments 5962-9675801QXA Datasheet HTML 4Page - Texas Instruments 5962-9675801QXA Datasheet HTML 5Page - Texas Instruments 5962-9675801QXA Datasheet HTML 6Page - Texas Instruments 5962-9675801QXA Datasheet HTML 7Page - Texas Instruments 5962-9675801QXA Datasheet HTML 8Page - Texas Instruments 5962-9675801QXA Datasheet HTML 9Page - Texas Instruments 5962-9675801QXA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
1–1
1 Introduction
The TVP3026M is an advanced video interface palette (VIP) from Texas Instruments (TI
) implemented
in the EPIC
 0.2-micron CMOS process. The TVP3026M is a 64-bit VIP that supports packed-24 modes
enabling 24-bit true-color and high resolution at the same time without excessive amounts of frame buffer
memory. For example, a 24-bit true color display with 1280
× 1024 resolution may be packed into 4 MB of
VRAM. A phase-locked loop (PLL)-generated, 50% duty-cycle reference clock is output in the packed-24
modes, maximizing VRAM cycle time and the screen refresh rate.
The TVP3026M supports all of the pixel formats of the TVP3020 VIP. Data can be split into 4 or 8 bit-planes
for pseudo-color mode or split into 12-, 16- or 24-bit true-color and direct-color modes. For the 24-bit direct
color modes, an 8-bit overlay plane is available. The 16-bit direct-color and true-color modes can be
configured to IBM XGA
 (5, 6, 5), TARGA (1, 5, 5, 5), or 16-bit/pixel (6, 6, 4) configuration as another
existing format. An additional 12-bit mode with 4-bit overlay (4, 4, 4, 4) is supported with 4 bits for each color
and overlay. All color modes support selection of little or big endian data format for the pixel bus. Additionally,
the device is also software compatible with the INMOS
 IMSG176/8 and Brooktree Bt476/8 color palettes.
The TVP3026M has two fully programmable phase-locked loops (PLLs) for pixel clock and memory clock
functions, as well as a simple frequency doubler for dramatic improvements in graphics system cost and
integration. A third loop clock PLL makes pixel data-latch timing much simpler than with other existing color
palettes. In addition, four software-selectable digital clock inputs (2 TTL- and 2 ECL / TTL-compatible) may
be utilized. The video clock provides a software selected divide ratio of the chosen pixel clock. The shift clock
output can be used directly as the VRAM shift clock. The reference clock output, driven by the loop clock
PLL, provides a timing reference to the graphics accelerator.
Like the TVP3020, the TVP3026M integrates a complete IBM XGA-compatible hardware cursor on chip,
making significant graphics performance enhancements possible. Additionally, hardware port select and
color-keyed switching functions, give the user several efficient means of producing graphical overlays on
direct-color backgrounds.
The TVP3026M has three 256
× 8 color lookup tables with triple 8-bit video digital-to-analog converters
(DACs) capable of directly driving a doubly-terminated 75-
Ω line. The lookup tables, a dual-ported RAM
architecture enables ultra-high speed operation. Sync generation is incorporated on the green output
channel. Horizontal sync (HSYNC) and vertical sync (VSYNC) are pipeline delayed through the device and
optionally inverted to indicate screen resolution to the monitor. A palette-page register can select from
multiple color maps in RAM when 4 bit-planes are used. This allows the screen colors to be changed with
only one microprocessor write cycle.
The device features a separate VGA bus, which supports the integrated VGA modes in graphics accelerator
applications, allowing efficient support for VGA graphics and text modes. The separate bus also is useful
for accepting data from the feature connector of most VGA-supported personal computers, without the need
for external data multiplexing.
The TVP3026M is highly system-integrated. It can be connected to the serial port of VRAM devices without
external buffer logic and can be connected to many graphics engines directly. It also supports the split
shift-register transfer function, which is common to many industry-standard VRAM devices.
The system-integration concept is carried even further to manufacturing test and field diagnosis. To support
these, several highly-integrated test functions have been designed to enable simplified testing of the palette
and the entire graphics system.
TI and EPIC are trademarks of Texas Instruments Incorporated.
IBM and XGA is a registered trademark of International Business Machines Corporation
TARGA is a registered trademark of Truevision Incorporated.
Brooktree is a trademark of Brooktree Corporation.
INMOS is a trademark of INMOS International Limited.


Similar Part No. - 5962-9675801QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9675101QCA TI1-5962-9675101QCA Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
5962-9675101QDA TI1-5962-9675101QDA Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
5962-9675901QYA TI1-5962-9675901QYA Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - 5962-9675801QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com