Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54316-Q1
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54316-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54316-Q1 Datasheet HTML 1Page - Texas Instruments TPS54316-Q1 Datasheet HTML 2Page - Texas Instruments TPS54316-Q1 Datasheet HTML 3Page - Texas Instruments TPS54316-Q1 Datasheet HTML 4Page - Texas Instruments TPS54316-Q1 Datasheet HTML 5Page - Texas Instruments TPS54316-Q1 Datasheet HTML 6Page - Texas Instruments TPS54316-Q1 Datasheet HTML 7Page - Texas Instruments TPS54316-Q1 Datasheet HTML 8Page - Texas Instruments TPS54316-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS54311-Q1, TPS54312-Q1
TPS54313-Q1, TPS54314-Q1
TPS54315-Q1, TPS54316-Q1
SGLS242G − OCTOBER 2004 − REVISED SEPTEMBER 2008
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM
SWITCHER WITH INTEGRATED FETs (SWIFT
)
(6,3 mm x 6,4 mm)
Typical Size
FEATURES
D Qualified for Automotive Applications
D 60-mΩ MOSFET Switches for High Efficiency
at 3-A Continuous Output Source or Sink
Current
D 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V Fixed
Output Voltage Devices With 1% Initial
Accuracy
D Internally Compensated for Low Parts Count
D Fast Transient Response
D Wide PWM Frequency: Fixed 350 kHz,
550 kHz, or Adjustable 280 kHz to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Total Cost
APPLICATIONS
D Low-Voltage, High-Density Systems With
Power Distributed at 5 V or 3.3 V
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs, and
Microprocessors
D Broadband, Networking and Optical
Communications Infrastructure
D Automotive Telematics
DESCRIPTION
As members of the SWIFT family of dc/dc regulators, the
TPS54311,
TPS54312,
TPS54313,
TPS54314,
TPS54315, and TPS54316 low-input-voltage high-output
current synchronous-buck PWM converters integrate all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that provides high performance
under transient conditions; an undervoltage-lockout circuit
to prevent start-up until the input voltage reaches 3 V; an
internally and externally set slow-start circuit to limit
in-rush currents; and a power good output useful for
processor/logic
reset,
fault
signaling,
and
supply
sequencing.
The TPS54311, TPS54312, TPS54313, TPS54314,
TPS54315, and TPS54316 devices are available in a
thermally enhanced 20-pin TSSOP (PWP) PowerPAD
package, which eliminates bulky heatsinks. Texas
Instruments provides evaluation modules and the SWIFT
designer software tool to aid in quickly achieving
high-performance
power
supply
designs
to
meet
aggressive equipment development cycles.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2008, Texas Instruments Incorporated
Obsolete Devices:
TPS54314-Q1 and TPS54315-Q1


Similar Part No. - TPS54316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54316-EP TI1-TPS54316-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com