Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316QPWPRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54316QPWPRQ1
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54316QPWPRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54316QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS54316QPWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPS54311-Q1, TPS54312-Q1
TPS54313-Q1, TPS54314-Q1
TPS54315-Q1, TPS54316-Q1
SGLS242G − OCTOBER 2004 − REVISED SEPTEMBER 2008
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 1
0
20
40
60
80
100
120
−40
0
25
85
125
IO = 3 A
VI = 3.3 V
TJ − Junction Temperature − °C
DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
Figure 2
0
20
40
60
80
100
−40
0
25
85
125
IO = 3 A
VI = 5 V
TJ − Junction Temperature − °C
DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
Figure 3
450
−40
0
25
550
INTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
750
85
125
650
350
250
TJ − Junction Temperature − °C
FSEL
≥ 2.5 V
FSEL
≤ 0.8 V
Figure 4
400
−40
0
25
500
EXTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
800
85
125
700
300
200
TJ − Junction Temperature − °C
600
RT = 68 k
RT = 100 k
RT = 180 k
Figure 5
0.889
−40
0
25
VOLTAGE REFERENCE
vs
JUNCTION TEMPERATURE
0.895
85
125
0.893
0.887
0.885
TJ − Junction Temperature − °C
0.891
Figure 6
0.8850
0.8870
0.8890
0.8910
0.8930
0.8950
34
56
f = 350 kHz
TA = 85°C
VI − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
Figure 7
f − Frequency − Hz
60
40
0
0
10
100
1 k
10 k 100 k 1 M
80
100
ERROR AMPLIFIER
OPEN LOOP RESPONSE
140
10 M
120
20
−20
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
−200
RL= 10 kΩ,
CL = 160 pF,
TA = 25°C
Phase
Gain
Figure 8
TJ − Junction Temperature − °C
3.35
3.20
2.90
−40
0
25
85
3.50
3.65
INTERNAL SLOW-START TIME
vs
JUNCTION TEMPERATURE
125
3.80
3.05
2.75
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
01
2
3
4
IL − Load Current − A
DEVICE POWER LOSSES
vs
LOAD CURRENT
TJ − 125°C,
fs = 700 kHz
VI = 3.3 V
VI = 5 V
Figure 9
Obsolete Devices:
TPS54314-Q1 and TPS54315-Q1


Similar Part No. - TPS54316QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54316QPWPRQ1 TI1-TPS54316QPWPRQ1 Datasheet
385Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
More results

Similar Description - TPS54316QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com